Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2112LCFG021 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2112LCFG021
Description  LED Tipped Toggles
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2112LCFG021 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2112LCFG021 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCFG021 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Series M2100
LED Tipped Rockers & Paddles
www.nkk.com
B92
B
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
6A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum
Nominal Operating Force:
On-to-On Position
Off-to-On Position
Paddles
Single Pole
3.19N
3.92N
Double Pole
4.41N
7.06N
Rockers
Single Pole
6.37N
9.80N
Double Pole
13.73N
17.65N
Angle of Throw:
20°
Materials & Finishes
Housing:
Stainless steel
Mounting Bracket:
Steel with tin plating
Movable Contacts:
Silver alloy or silver alloy with gold plating
Stationary Contacts:
Silver with silver plating or copper or brass with gold plating
Lamp Contacts:
Phosphor bronze
Base:
Diallyl phthalate (UL94V-0)
Switch Terminals:
Copper with silver or gold plating
Lamp Terminals:
Brass with silver or gold plating
Environmental Data
Operating Temp Range:
–10°C through +55°C (+14°F through +131°F) for rockers
–25°C through +70°C (–13°F through +158°F) for paddles
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Soldering Time & Temp:
Wave Soldering (PC version): See Profile B in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Note: Lever must be in center position while soldering.
Cleaning:
PC mountable device is not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 base
UL:
File No. E44145
Single pole rockers with synchronous circuits & solder lug or PC recognized at 6A @ 125V AC.
Add “/U” to end of part number to order UL mark on switch.
CSA:
File No. 023535_0_000
All single pole rockers with synchronous circuits certified at 6A @ 125V AC.
Add “/C” to end of part number to order CSA mark on switch.


Similar Part No. - M2112LCFG021

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCFG02 NKK-M2112LCFG02 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2112LCFG021

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
   LED Tipped Actuators
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
logo
List of Unclassifed Man...
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com