Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP0115HG03NCF-JD-S Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115HG03NCF-JD-S
Description  Subminiature Smooth Actuation Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115HG03NCF-JD-S Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115HG03NCF-JD-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NCF-JD-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NCF-JD-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NCF-JD-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NCF-JD-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NCF-JD-S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
www.nkk.com
D72
D
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 250V DC
Dielectric Strength:
250V AC minimum between contacts for 1 minute minimum
Mechanical Life:
500,000 operations minimum
Electrical Life:
500,000 operations minimum
Nominal Operating Force:
Standard: 1.5 ±0.5 Newtons
High: 2.5N ±0.8 Newtons
Stroke:
1.5mm (.059”)
Materials & Finishes
Actuator:
Silicon rubber
Case:
Polycarbonate resin
Base:
Glass fiber reinforced polyamide resin
Movable Contact:
Silver over nickel with gold plating
Stationary Contacts:
Brass with gold plating
Switch Terminals:
Brass with gold plating
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F) for Illuminated
–25°C through +70°C (–13°F through +158°F) for Nonilluminated
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Cap Installation Force:
5.0N maximum downward force on actuator
PCB Processing
Soldering:
Wave Soldering: 270°C maximum @ 6 seconds maximum
Manual Soldering: 390°C maximum @ 4 seconds maximum
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
The NP01 Series pushbuttons have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.
General Specifications


Similar Part No. - NP0115HG03NCF-JD-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115HG03NCF-JD-S NKK-NP0115HG03NCF-JD-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115HG03NCF-JD-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
Pepperl+Fuchs Inc.
41FY2 PF-41FY2 Datasheet
411Kb / 2P
   Magnetic Actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com