Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB216SKG015D-1JC Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB216SKG015D-1JC
Description  Low Profile Pushbuttons
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB216SKG015D-1JC Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button UB216SKG015D-1JC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. UB216SKG015D-1JC Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Series UB2
Low Profile Pushbuttons
www.nkk.com
D94
D
AT3075B Beveled
White Cap
Clear Lens
Translucent
White Diffuser
Translucent
White Cap
Clear Lens
Translucent
White Diffuser
(5.6)
.220
(15.0) Sq
.591
(5.6)
.220
(15.0) Sq
.591
(6.1)
.240
(15.0) Sq
.591
AT3074JB Sculptured
Clear Lens/White Diffuser
AT3076JB Flat
Clear Lens/White Diffuser
Caps for Super Bright LED
1JB
2B
3JB
Material: Polycarbonate
Finish: Glossy
SUPER BRIGHT LEDS & CAPS
(+)
(-)
Super Bright Single Color LED with 1 element
Electrical Specifications for Super Bright LEDS
Super Bright LEDs are
Electrostatic Sensitive
Color
White
Green
Blue
Unit
Forward Peak Current
I
FM
25
25
25
mA
Continuous Forward Current
I
F
20
20
20
mA
Forward Voltage
V
F
3.6
3.5
3.6
V
Reverse Peak Voltage
V
RM
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
0.40
0.40
0.40
mA/°C
Ambient Temperature Range
–25° ~ +50°
°C
6B
6F
6G
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires an external power source. Polarity marks are on the bottom of the switch.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
The LED is an integral part of the switch and not available separately.
SUPER BRIGHT BICOLOR LED & CAPS
Electrical Specifications for Super Bright Bicolor LED
The electrical specifications shown are
determined at a basic temperature of 25°C.
LED circuit is isolated and requires an
external power source.
Polarity marks are on bottom of switch.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated by
using the formula in Supplement Section.
The LED is an integral part of the switch
and not available separately.
Color
Red/Green
Unit
Forward Peak Current
I
FM
30/25 (25/22 for Amber)
mA
Continuous Forward Current
I
F
20/20
mA
Forward Voltage
V
F
2.1/3.5
V
Reverse Peak Voltage
V
RM
4/4
V
Current Reduction Rate Above 25°C
∆I
F
0.40/0.33
mA/°C
Ambient Temperature Range
–25° ~ +50°
°C
6CF
LC (+)
L1 (-)
Red
L2 (-)
Green
Super Bright Bicolor
LED with 2 elements
Amber color is achieved by lighting red and green
simultaneously, but is not suitable for Alternating Legends.
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
Super Bright
LEDs are
Electrostatic Sensitive


Similar Part No. - UB216SKG015D-1JC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB216SKG015D-1JC NKK-UB216SKG015D-1JC Datasheet
410Kb / 12P
   General Specifications
More results

Similar Description - UB216SKG015D-1JC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com