Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YG982C4R Datasheet(PDF) 3 Page - Fuji Electric

Part # YG982C4R
Description  Low-Loss Fast Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YG982C4R Datasheet(HTML) 3 Page - Fuji Electric

  YG982C4R Datasheet HTML 1Page - Fuji Electric YG982C4R Datasheet HTML 2Page - Fuji Electric YG982C4R Datasheet HTML 3Page - Fuji Electric YG982C4R Datasheet HTML 4Page - Fuji Electric YG982C4R Datasheet HTML 5Page - Fuji Electric YG982C4R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
3
YG982C4R
http://www.fujisemi.com
FUJI Diode
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
11
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
Per 1element
DC
Square wave λ=60°
Forward Power Dissipation(max.)
Io Average Output Current (A)
0
100
200
300
400
500
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
0.011
0.012
Reverse Power Dissipation(max.)
α
=180°
DC
VR Reverse Voltage (V)
λ
360°
I0
α
360°
VR
0.1
1
10
0.3
0.4 0.5
0.6 0.7
0.8 0.9
1.0 1.1
1.2 1.3
1.4 1.5
1.6
Tj=100°C
Tj=25°C
Tj=125°C
Tj=150°C
Forward Characteristic (typ.)
VF Forward Voltage (V)
0
100
200
300
400
500
10
-3
10
-2
10
-1
10
0
10
1
Reverse Characteristic (typ.)
Tj=25°C
Tj=100°C
Tj=125°C
Tj=150°C
VR Reverse Voltage (V)


Similar Part No. - YG982C4R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
YG982C4R ISC-YG982C4R Datasheet
320Kb / 2P
   Ultrafast Recovery Rectifier
More results

Similar Description - YG982C4R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PH975C6 FUJI-PH975C6_10 Datasheet
531Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
   Low-Loss Fast Recovery Diode
YG912S6RR FUJI-YG912S6RR Datasheet
662Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C6R FUJI-YG982C6R Datasheet
699Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
YA982S6R FUJI-YA982S6R_10 Datasheet
711Kb / 6P
   Low-Loss Fast Recovery Diode
PG985C3R FUJI-PG985C3R Datasheet
525Kb / 6P
   Low-Loss Fast Recovery Diode
YG971S8R FUJI-YG971S8R Datasheet
853Kb / 6P
   Low-Loss Fast Recovery Diode
YG982C3R FUJI-YG982C3R Datasheet
666Kb / 6P
   Low-Loss Fast Recovery Diode
TS906C3R FUJI-TS906C3R Datasheet
559Kb / 6P
   Low-Loss Fast Recovery Diode
TS982C4R FUJI-TS982C4R Datasheet
548Kb / 6P
   Low-Loss Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com