Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES-100-7.5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NES-100-7.5
Description  100W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NES-100-7.5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NES-100-7.5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NES-100-7.5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ENVIRONMENT
PROTECTION
SPECIFICATION
MODEL
NES-100-5
NES-100-12
NES-100-9
NES-100-7.5
NES-100-15
NES-100-24
NES-100-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
9V
7.5V
15V
24V
48V
20A
8.5A
11.2A
13.6A
7A
4.5A
2.3A
0~20A
0~8.5A
0~11.2A
0~13.6A
0~7A
0~4.5A
0~2.3A
100W
102W
100.8W
102W
105W
108W
110.4W
80mVp-p
120mVp-p
120mVp-p
120mVp-p
120mVp-p
120mVp-p
150mVp-p
4.75~5.5V
11.4~13.2V
8.55~9.9V
7.13~8.3V
14.25~16.5V
22.8~26.4V
45.6~52.8V
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
85~132VAC/176~264VACselectedbyswitch248~373VDC
47~63Hz
5.75~6.75V
13.8~16.2V
10.4~12.2V
8.6~10.1V
17.25~20.25V
27.6~32.4V
55.2~64.8V
80%
83%
81%
81%
84%
86%
86%
2A/115VAC1.2A/230VAC
COLDSTART 36A
<2mA /240VAC
110~150%ratedoutputpower
UL60950-1,CB(IEC60950-1),CCCGB4943approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-1,lightindustrylevel,criteria A
-20~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
320.7Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
1. All parameters not specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:NES-100-SPEC2010-10-18
0.55Kg;30pcs/17.5Kg/0.97CUFT
100WSingleOutputSwitchingPowerSupply
N E S - 1 0 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note6)
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
2 years warranty
Features :
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
500ms,20ms/230VAC500ms,20ms/115VACatfullload
30ms/230VAC25ms/115VACatfullload


Similar Part No. - NES-100-7.5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NES-100-7.5 MEANWELL-NES-100-7.5 Datasheet
382Kb / 2P
   100W Single Output Switching Power Supply
More results

Similar Description - NES-100-7.5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com