Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USFZ6.2V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # USFZ6.2V
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

USFZ6.2V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  USFZ6.2V Datasheet HTML 1Page - KEC(Korea Electronics) USFZ6.2V Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2010. 11. 23
1/2
SEMICONDUCTOR
TECHNICAL DATA
USFZ4.3V~36V
Rvision No : 0
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
・Nominal Voltage Tolerance About ±10%.
・Small Power Mold Type : USF
MAXIMUM RATING (Ta=25
℃)
USF
A
21
1. ANODE
2. CATHODE
B
CC
DIM
MILLIMETERS
A
B
C
D
D
E
E
E
F
F
G
H
G
H
I
I
J
J
CATHODE MARK
0.91 0.05
+_
0.61 0.05
+_
2.5 0.1
+_
1.9 0.1
+_
1.3 0.1
+_
0.46 0.1
+_
1.2
0.1
+_
0.11 0.05
+_
0.6 0.1
+_
0.8 0.1
+_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD
500
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Marking
Type Name
CATHODE MARK.
Lot No.
Type No.
Marking
Type No.
Marking
Type No.
Marking
Type No.
Marking
USFZ4.3V
43
USFZ7.5V
75
USFZ13V
13
USFZ24V
24
USFZ4.7V
47
USFZ8.2V
82
USFZ15V
15
USFZ27V
27
USFZ5.1V
51
USFZ9.1V
91
USFZ16V
16
USFZ30V
30
USFZ5.6V
56
USFZ10V
10
USFZ18V
18
USFZ33V
33
USFZ6.2V
62
USFZ11V
11
USFZ20V
20
USFZ36V
36
USFZ6.8V
68
USFZ12V
12
USFZ22V
22


Similar Part No. - USFZ6.2V

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF SCHURTER-USF Datasheet
467Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
USF0402 SCHURTER-USF0402 Datasheet
261Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
USF0402 SCHURTER-USF0402 Datasheet
869Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
USF0402 SCHURTER-USF0402_18 Datasheet
869Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
logo
Toshiba Semiconductor
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
More results

Similar Description - USFZ6.2V

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com