Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM-20-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NFM-20-5
Description  20W Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NFM-20-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NFM-20-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NFM-20-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE Note.5
ACCURRENT (Typ.)
500ms,20ms/230VAC500ms,20ms/115VACatfullload
50ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~440Hz
75%
71%
81%
13.8~16.2V
83%
17.25~20.25V
84%
27.6~32.4V
0.6A/115VAC0.4A/230VAC
COLDSTART 30A/115VAC65A/230VAC
Above105% ratedoutputpower
5.75~6.75V
3.8~4.46V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
20~90%RHnon-condensing
-20~+60
(Refertooutputloadderatingcurve)
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
487.8Khrsmin.MIL-HDBK-217F(25
)
89*51*19.3mm(L*W*H)
0.09Kg;105pcs/10.5Kg/0.97CUFT
FileName:NFM-20-SPEC2009-06-29
1.5%
1.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
2.0%
2.0%
1.0%
1.0%
1.0%
80mVp-p
80mVp-p
150mVp-p
150mVp-p
240mVp-p
3.3V
12V
15V
24V
4.4A
4.5A
1.8A
1.4A
0.92A
0~4.4A
0~4.5A
0~1.8A
0~1.4A
0~0.92A
22W
14.85W
21.6W
21W
22.08W
NFM-20-5
NFM-20-12
NFM-20-15
NFM-20-24
NFM-20-3.3
SAFETY STANDARDS
20WOutputSwitchingPowerSupply
N F M - 2 0 series
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. The over temperature protection (OTP) is the built-in function of the control IC (U1). The activating level described above is based on the specification
provided by the IC manufacturer.
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
Tj160
typically(U1)detectonmaincontrolIC
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
10.8~13.2V
13.5~16.5V
21.6~26.4V
4.5~5.4V
3.1~3.6V
CompliancetoEN55011
,EN55022(CISPR22)ClassB
(CISPR11)
LEAKAGECURRENT
<200uA /240VAC
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,EN60601-1-2,EN61204-3,medicallevel,criteria A
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:1.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
UL60601-1,TUVEN60601-1,IEC60601-1approved
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage / Over temperature
Ultra-miniature size, light weight
Cooling by free air convection
UL60601-1/IEC60601-1/EN60601-1 medical safety approved
No load power consumption<0.75W
100% full load burn-in test
Optional on-board type version available
Fixed switching frequency at 90KHz
High reliability
3 years warranty
5V
EN60601-1
IEC60601-1


Similar Part No. - NFM-20-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NFM-20-5 MEANWELL-NFM-20-5 Datasheet
253Kb / 2P
   20W Output Switching Power Supply
NFM-20-5 MEANWELL-NFM-20-5 Datasheet
269Kb / 2P
   20W Output Switching Power Supply
More results

Similar Description - NFM-20-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_12 Datasheet
269Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_12 Datasheet
387Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20 Datasheet
253Kb / 2P
   20W Output Switching Power Supply
IRM-20 MEANWELL-IRM-20 Datasheet
163Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_10 Datasheet
372Kb / 2P
   20W Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPC-20 MEANWELL-LPC-20_11 Datasheet
91Kb / 2P
   20W Single Output Switching Power Supply
LPC-20 MEANWELL-LPC-20_12 Datasheet
91Kb / 2P
   20W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com