Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSD10-D Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NSD10-D
Description  10W DC-DC Regulated Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NSD10-D Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NSD10-D_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NSD10-D_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
NSD10-12D5
NSD10-12D12
NSD10-12D15
NSD10-48D5
NSD10-48D12
NSD10-48D15
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
SHUTDOWNIDLECURRENT
SAFETY STANDARDS
WORKINGTEMP.
ON/OFFCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE(CLAMP)
DCCURRENT
5V
-5V
-12V
-15V
-5V
-12V
-15V
12V
15V
5V
12V
15V
1A
1A
0.42A
0.33A
1A
0.42A
0.33A
0.42A
0.33A
1A
0.42A
0.33A
0.05~1A 0.05~1A
0.05~1A
0.02~0.42A 0.02~0.42A 0.016~0.33A 0.016~0.33A 0.05~1A
0.02~0.42A 0.02~0.42A 0.016~0.33A 0.016~0.33A
10W
75mVp-p(10%~100%load)
4.0%
3.0%
2.0%
2.0%
2.0%
1.0%
3.0%
.0%
2
2.0%
2.0%
2.0%
1.0%
1.0%
9.8~36VDC
22~72VDC
48VDC
76%
1.4A/12VDC
0.4A/48VDC
20mA/12VDC
Above105% ratedoutputpower
Protectiontype:Overpowerlimiting,recoversautomaticallyafterfaultconditionisremoved
Recoversautomaticallyafterfaultconditionisremoved
-25~+70
Logic"1"OPEN:ONlogic"0"GND:OFF
0%~95%RHmax.
-40~+85
,0~95%RH
0.03%/
(0~60
)
50.8*25.4*10mm(2"*1"*0.394")(L*W*H)
0.02Kg;300pcs/7Kg/0.97CUFT
77%
77%
78%
77%
77%
1. All parameters NOT specially mentioned are measured at 12, 48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Short circuit not more than 60 seconds.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6.
7. EMC filter suggestion:
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
To insure proper operation, a 220uF/100V electrolytic capacitor with Esr <1
must be added to the input line.
FileName:NSD10-D-SPEC2010-10-18
10WDC-DCRegulatedDualOutput
Wide 4:1 DC input range
Protections: Short circuit / Overload / Over voltage
1000VDC I/O isolation
Built-in EMI filter
Cooling by free air convection
Built-in remote ON-OFF control
100% full load burn-in test
Lost cost
High reliability
2 years warranty
Features :
N S D 1 0 - D series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ISOLATIONVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1KVDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
FUNCTION
RATEDDCINPUT
12VDC
SHORTCIRCUIT
Note.4
5.75~7.5V
-5.75~-7.5V
-5.75~-7.5V
13.8~18V
13.8~18V
-13.8~-18V
-13.8~-18V
17.3~22.5V
17.3~22.5V
-17.3~-22.5V
-17.3~-22.5V
5.75~7.5V
1878.5Khrsmin.MIL-HDBK-217F(25
)
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
CompliancetoEN61000-4-2,3,4,6,8;EN55024,lightindustrylevel,criteria A
SAFETY &
EMC
(Note5)
UL60950-1approved,Designreferto TUVEN60950-1
PSU
+
-
Vin
+
-
Vo
80uH
680uF
+
CAPACITIVELOAD(max.)
1000uF


Similar Part No. - NSD10-D_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-D MEANWELL-NSD10-D_11 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
More results

Similar Description - NSD10-D_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-D MEANWELL-NSD10-D Datasheet
572Kb / 2P
   10W DC-DC Regulated Dual Output
NSD10-D MEANWELL-NSD10-D_11 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
NSD10-S MEANWELL-NSD10-S_10 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
NSD10-S MEANWELL-NSD10-S_11 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com