Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85102C-2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF85102C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85102C-2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF85102C-2 Datasheet HTML 4Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 5Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 6Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 9Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 10Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 11Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Philips Semiconductors
PCF85102C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
8 of 20
9397 750 14216
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Page write: The PCF85102C-2 is capable of an eight-byte page write operation. It is
initiated in the same manner as the byte write operation. The master can transit eight
data bytes within one transmission. After receipt of each byte, the PCF85102C-2 will
respond with an acknowledge. The typical E/W time in this mode is
9
× 3.5 ms = 31.5 ms. Erasing a block of 8 bytes in page mode takes typical 3.5 ms
and sequential writing of these 8 bytes another typical 28 ms.
After the receipt of each data byte, the three low-order bits of the word address are
internally incremented. The high-order five bits of the address remain unchanged.
The slave acknowledges the reception of each data byte with an ACK. The I2C-bus
data transfer is terminated by the master after the 8th byte with a STOP condition. If
the master transmits more than eight bytes prior to generating the STOP condition,
no acknowledge will be given on the ninth (and following) data bytes and the whole
transmission will be ignored and no programming will be done. As in the byte write
operation, all inputs are disabled until completion of the internal write cycles.
Fig 5.
Auto-increment memory word address; two byte write.
S
0A
SLAVE ADDRESS
WORD ADDRESS
AA
DATA
P
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
A
DATA
R/W
auto increment
word address
auto increment
word address
MBA701
Fig 6.
Page write operation; eight bytes.
S0 A
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA N
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
R/W
auto increment
word address
acknowledge
from slave
A
DATA N + 1
auto increment
word address
002aaa245
A
acknowledge
from slave
A
DATA N + 7
auto increment
word address
last byte


Similar Part No. - PCF85102C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85102C-2P PHILIPS-PCF85102C-2P Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85102C-2T PHILIPS-PCF85102C-2T Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
More results

Similar Description - PCF85102C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com