Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-600-12 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # PB-600-12
Description  600W Single Output Battery Charger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-600-12 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  PB-600-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-600-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PB-600-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PB-600-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PB-600-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BetweenRC+(pin10)andRC-(pin9)
SWOpen
SWShort
Charging
ON
OFF
ThechargercanbeturnedON/OFFbyusingthe
"RemoteControl"function.
SW
PB-600 series
600WSingleOutputBatteryCharger
FileName:PB-600-SPEC2011-04-20
Power
Power
Power
Stage8/3/2
Stage8/3/2
Stage8/3/2
10
10
10
1
1
1
2
2
2
3
3
3
4
4
4
5
5
5
6
6
6
7
7
7
8
8
8
9
9
9
9
10
CN100
RY13
NC
RY15
GND
RC-
RY13
NC
RY15
RTH
RC+
1
2
FunctionManual
1.RemoteControl
+
+
+
Battery
Battery
Battery
-
-
-
Switch
Right
Middle
Left
Chargingmode
2stagecharging
3stagecharging
8stagecharging
(1)Thechargerfeaturesuserselectable2,3,or8stagecharging.
(2)Pleasechoosethe"3stage"selectionwhenthecharger
Thechargingprofileisselectedbymovingtheslideswitch
isusedtochargethebatteriesandpowertheloadsinthe
sametime.
onthebackpanel.
2.2,3,or8stagechargingselect
Charger
Normalwork
Betweenpin5andpin6(RY15)
ON(Short)
OFF(Open)
3.ChargerOKRelay(RY15)
9
9
10
10
CN100
CN100
RY13
RY13
NC
NC
RY15
RY15
GND
GND
RC-
RC-
RY13
RY13
NC
NC
RY15
RY15
RY15
RTH
RTH
RC+
RC+
1
1
2
2
Failureortheprotection
functionisactivating
FunctionDescriptionofCN100
TheFunctionofLEDs
PinNo.
Battery
Function Description
ColorofLED
1,2
Fail
Charging
BatteryFull
5,6
7,8
9,10
RY13
Relaycontactrating(max.):30V/1A resistive.;"Short"whenthebatteryisfull,
Relaycontactrating(max.):30V/1A resistive.;"Short"whentheunitisworkingproperly,
Temperaturesensorcomesalongwiththechargercanbeconnectedtotheunittoallow
Turntheoutputonandoffbyelectricalordrycontactbetweenpin10(RC+)andpin9(RC-)
"Open"whenthebatteryisstillcharging
"Open"whentheunitstopcharging
temperaturecompensationofthechargingvoltage
Open:Normalwork,Short:Stopcharging
Red
Orange
Green
RY15
GND/RTH
RC-/RC+


Similar Part No. - PB-600-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-600-12 MEANWELL-PB-600-12 Datasheet
441Kb / 5P
   600W Single Output Battery Charger
More results

Similar Description - PB-600-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600_11 Datasheet
441Kb / 5P
   600W Single Output Battery Charger
HEP-600C MEANWELL-HEP-600C Datasheet
114Kb / 4P
   600W Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
PB-230 MEANWELL-PB-230 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
logo
List of Unclassifed Man...
PB-360P-24 ETC2-PB-360P-24 Datasheet
295Kb / 3P
   360W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com