Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-1000-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PB-1000-12
Description  1000W Intelligent Single Output Battery Charger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-1000-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PB-1000-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-1000-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PB-1000-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PB-1000-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PB-1000-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MechanicalSpecification
FileName:PB-1000-SPEC2011-01-18
CaseNo.804BUnit:mm
ChargingCurve
ChargeCurrent
ConstantCurrent
stage1
stage2
BatteryFull
ConstantVoltage
Start
2Stage
ChargeVoltage
100%
10%
boost
V
PinNo.
PinNo.
5,6
7
9
10
3,4
RY13:Bank A OKNTC/GND: Temperaturesense
RY14:BankBOK
RY15:ChargerOK
RC+/RC-:RemoteON/OFF
1,2
8
Assignment
Assignment
RY15
GND
RY14
RY13
MatingHousing
Terminal
orequivalent
orequivalent
ControlPinNo. Assignment(CN100):HRSDF11-10DP-2DS orequivalent
HRSDF11-10DS HRSDF11-**SC
RC-
RC+
NTC(5K
)
Airflow
direction
72.6
155
7
300
70
A
48
26.5
A
1
2
3
4
5
6
7
8
9
10
Orange
Green
ColorofLED
ChargeCurrent
ConstantCurrent
stage1
stage2
stage3
ConstantVoltage
Float
Start
3Stage
ChargeVoltage
100%
10%
boost
float
V
V
Orange
Green
ColorofLED
PB-1000 series
1000WIntelligentSingleOutputBatteryCharger


Similar Part No. - PB-1000-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-1000-12 MEANWELL-PB-1000-12 Datasheet
490Kb / 5P
   1000W Intelligent Single Output Battery Charger
More results

Similar Description - PB-1000-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-1000 MEANWELL-PB-1000 Datasheet
490Kb / 5P
   1000W Intelligent Single Output Battery Charger
RPB-1600 MEANWELL-RPB-1600 Datasheet
336Kb / 8P
   1600W Intelligent Single Output Battery Charger
DBU-3200 MEANWELL-DBU-3200 Datasheet
338Kb / 8P
   3200W Intelligent Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com