Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX-4011-EAE-2580-20M00 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # OX-4011-EAE-2580-20M00
Description  OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-4011-EAE-2580-20M00 Datasheet(HTML) 3 Page - Vectron International, Inc

  OX-4011-EAE-2580-20M00 Datasheet HTML 1Page - Vectron International, Inc OX-4011-EAE-2580-20M00 Datasheet HTML 2Page - Vectron International, Inc OX-4011-EAE-2580-20M00 Datasheet HTML 3Page - Vectron International, Inc OX-4011-EAE-2580-20M00 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OX-4011-EAE-2580-20M00
Preliminary version: Subject to technical modification.
OCXO
www.vectron.com
20-May-26 by Göhrig, Detlef Index : P2
printed 2011-05-26 • page 3 of 4
Vectron International • Product Specifications OX-4011-EAE-2580
Reflow profile
Profile Feature
Pb-Free Assembly/Sn-Pb Assembly
Average ramp-up rate (TL to Tp)
3°C/second max.
Preheat -Temperature Min (Tsmin)
150°c
-Temperature Min (Tsmax)
200°c
-Time (min to max) (ts)
60-180 seconds
Tsmax to TL - Ramp-up Rate
3°C/second max.
Time maintainted above - Temperature (TL)
217°C
- Time (tL)
60-150 seconds
Peak Temperature (Tp)
max 260°C
Time within 5°C of actual Peak Temperature (tp)
20-40 seconds
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Additional Information
This SMD oscillator has been designed for pick and place reflow soldering.
SMD oscillators must be on the top side of the PCB during the reflow process.


Similar Part No. - OX-4011-EAE-2580-20M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-4011-EAE-258 VECTRON-OX-4011-EAE-258 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-4011-EAE-2580-20M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
   OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
   OCXO
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
   OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
   OCXO
logo
Vectron International, ...
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
   OCXO
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
OX-221-9102-49M152 VECTRON-OX-221-9102-49M152 Datasheet
686Kb / 9P
   OCXO
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
   OCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com