Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-110A Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PD-110A
Description  110W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-110A Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PD-110A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-110A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
1
CN2
+5V ADJ
HS1
HS2
4
3
2
6
5
9
8
7
11
10
CN1
1
2
3
4
ACFUSE
T4A/250V
FS1
5
177.8
165.1
6.35
4-
3.96
FileName:PD-110-SPEC2011-03-31
Unit:mm
DCOutputConnector(CN2):Molex5273-12orequivalent
PinNo.
1,2,3
4,5,6,7
8,9,10
11,12
Assignment
V1
COM
V2
V3(Option)
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5273-05orequivalent
PinNo.
1
2,4
3
5
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
MechanicalSpecification
StaticCharacteristics(A)
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
-10
0
0
10
20
30
40
50
60
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
110
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
13
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
17CFMforcedaircooling(20cm)
Naturalconvectioncooling
PinNo.
MODEL
1,2,3
+5V
+5V
PD-110A PD-110B
8,9,10
+12V
+24V
+12V
+5V
+12V
+5V
DeratingCurve
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
V1
V2
COM
I/P
FG
CONTROL
PWM
O.V.P.
BlockDiagram
fosc:45KHz
HS1,HS2 can not be shorted
FG
NoPin
AC/N
AC/L
110WDualOutputSwitchingPowerSupply
P D - 11 0 series


Similar Part No. - PD-110A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PD-110A ASTRODYNE-PD-110A Datasheet
829Kb / 5P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-110A MEANWELL-PD-110A Datasheet
291Kb / 2P
   110W Dual Output Switching Power Supply
logo
Tumbler Technologies + ...
PD-110A TRUMPOWER-PD-110A Datasheet
43Kb / 1P
   100W Switching Power Supplies
logo
Mean Well Enterprises C...
PD-110A MEANWELL-PD-110A Datasheet
293Kb / 2P
   PD-110_12
logo
Astrodyne Corporation
PD-110A ASTRODYNE-PD-110A Datasheet
355Kb / 4P
   110W Dual Output Switching Power Supply
More results

Similar Description - PD-110A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PD110 ASTRODYNE-PD110 Datasheet
355Kb / 4P
   110W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-110 MEANWELL-PD-110 Datasheet
291Kb / 2P
   110W Dual Output Switching Power Supply
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
   dual output switching power supply
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
   Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD25 ASTRODYNE-PD25 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com