Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PID-250C Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PID-250C
Description  250W Isolated Dual Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PID-250C Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PID-250C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PID-250C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PID-250C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PID-250C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FileName:PID-250-SPEC2011-03-31
CH1
CH1
CH1
CH2
CH2
OUTPUTNUMBER
(Peak8.4A)
(Peak20A)
P I D - 2 5 0
250WIsolatedDualOutputwithPFCFunction
20~90%RHnon-condensing
-20~+70
(Refertooutputloadderatingcurve)
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min eachalongX, Y,Zaxes
150.4Khrsmin.MIL-HDBK-217F(25
)
PCB:222*95*40mm(L*W*H);withoptionalCASE:250*105.4*53mm(L*W*H)
PCB:0.74Kg;18pcs/14.3Kg/0.88CUFT ;withoptionalCASE:1.6Kg;9pcs/15.4Kg/0.61CUFT
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2,heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltage. Please check the derating curve for more details.
6. Peak current should reduce to 150% of rated value if the input voltage <110VAC.
7. Heat Sink HS1,HS2,HS3 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
PROTECTION
WORKINGHUMIDITY
WORKINGTEMP.
REMOTECONTROL
OVERTEMPERATURE
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
5V
48V
5V
5A
4.7A(Peak8.4A)
0~4.7A
5A
0~5A
0~5A
CH1
CH2
CH2
50mVp-p
150mVp-p
250.6W
50mVp-p
200mVp-p
251.8W
50mVp-p
200mVp-p
250.6W
50mVp-p
4.75~5.25V
21.6~26.4V
4.75~5.25V
32.4~39.6V
4.75~5.25V
43.2~52.8V
4.75~5.25V
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
0.5%
2.0%
1.0%
2.0%
1.0%
1.0%
1.0%
2.0%
2.0%
2500ms,60ms/115VAC1200ms,60ms/230VAC
30msatfullload
90~264VAC127~370VDC
47~63Hz
PF
0.92/230VACPF
0.97/115VACatfullload
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
SPECIFICATION
MODEL
DCVOLTAGE
VOLTAGERANGE
Note.5
12V
0~15A
205W
3.0%
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
<3.5mA /240VAC
CH1:105~170% ratedoutputpower
CH2:101~150% ratedoutputpower
Normallyworkwithin10secandthenshutdown,re-powerontorecover
Over180%ratedpowerorshortcircuit,constantcurrentlimitingwithin10secandthenshutdown,re-powerontorecover
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CN52:Open=CH1&CH2poweron;Short=CH1poweroff,CH2poweron;whenCH2ismalfunction,CH1willbeshutdown
Protectiontype:Shutdowno/pvoltage(CH1),recoversautomaticallyaftertemperaturegoesdown
105
5
detectonheatsinkofpowertransistors
Protectiontype:Shutdowno/pvoltage,re-powerontorecoverforCH1;Hiccupmode,recoversautomaticallyaferfaultcondition
isremovedforCH2(byzenerdiodeclamp)
83%
3A/115VAC1.5A/230VAC
86%
86%
86%
COLDSTART 58A/230VAC
13.8~16.2V
5.5~6.75V
27.6~32.4V
5.5~6.75V
40~48V
5.5~6.75V
54~64.8V
5.5~6.75V
Universal AC input / Full range
Isolated output & GND for CH1,CH2
Built-in active PFC function, PF>0.92
Protections:Short circuit / Overload / Over voltage / Over temperature
Remote control for CH1
Peak load 170% for CH1 within 10 sec.
Cooling by free air convection
100% full load burn-in test
3 years warranty
Optional L-Bracket and cover
Features :
PID-250A
PID-250B
PID-250C
PID-250D
5V
24V
36V
15A(Peak20A) 5A
9.4A(Peak16.7A)
6.3A(Peak11.1A)
(Peak11.1A)
120mVp-p
10.8~13.2V
5V
5A
0~5A
(Peak16.7A)
0~5A
0~6.3A
0~9.4A


Similar Part No. - PID-250C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PID-250C MEANWELL-PID-250C Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
More results

Similar Description - PID-250C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PID-250 MEANWELL-PID-250 Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
HSP-250 MEANWELL-HSP-250_11 Datasheet
222Kb / 2P
   250W Single Output with PFC Function
HSP-250 MEANWELL-HSP-250 Datasheet
222Kb / 2P
   250W Single Output with PFC Function
HDP-240 MEANWELL-HDP-240_12 Datasheet
323Kb / 2P
   240W Dual Output with PFC Function
HDP-190 MEANWELL-HDP-190 Datasheet
335Kb / 2P
   190W Dual Output with PFC Function
HDP-190 MEANWELL-HDP-190_12 Datasheet
335Kb / 2P
   190W Dual Output with PFC Function
HDP-240 MEANWELL-HDP-240 Datasheet
324Kb / 2P
   240W Dual Output with PFC Function
VFD-250P-230 MEANWELL-VFD-250P-230 Datasheet
509Kb / 8P
   250W General type Variable Frequency Drive with PFC function
2023-08-04
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com