Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-30-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLC-30-15
Description  30W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLC-30-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLC-30-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLC-30-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLC-30-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:PLC-30-SPEC2011-07-28
CaseNo.990A
Unit:mm
3.2
160
3.2
2-R2
2-R2
2-R6.5
Vo
ADJ
Io
ADJ
TerminalPinNo. Assignment(TB1):
SWITCHLABMB310-75002
TerminalPinNo. Assignment(TB2):
SWITCHLABMB310-75002
PinNo.
PinNo.
1
1
1
1
2
2
2
2
Assignment
Assignment
AC/L
-V
AC/N
+V
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
T case:Max.Case Temperature.
80
T case
30WSingleOutputLEDPowerSupply
P L C - 3 0 series
fosc:39KHz(115VAC)
53KHz(230VAC)
-25
-5
0
15
30
20
40
60
80
100
-25
-5
0
15
30
40
50
20
40
60
80
100
BlockDiagram
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.C.P.
AMBIENTTEMPERATURE(
)
-30
60
DeratingCurve
DeratingCurve


Similar Part No. - PLC-30-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLC-30-15 MEANWELL-PLC-30-15 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
More results

Similar Description - PLC-30-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
   30W LED Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com