Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-30-20 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLC-30-20
Description  30W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLC-30-20 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLC-30-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLC-30-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLC-30-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
PLC-30-9
PLC-30-15
PLC-30-12
PLC-30-20
PLC-30-24
PLC-30-27
PLC-30-36
PLC-30-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
9V
15V
10.5~15V
12V
8.4~12V
20V
14~20V
24V
16.8~24V
27V
18.9~27V
36V
25.2~36V
48V
33.6~48V
3.3A
2A
2.5A
1.5A
1.25A
1.12A
0.84A
0.63A
0~3.3A
0~2A
0~2.5A
0~1.5A
0~1.25A
0~1.12A
0~0.84A
0~0.63A
29.7W
30W
30W
30W
30W
30.24W
30.24W
30.24W
2.6Vp-p
2.6Vp-p
2Vp-p
2.6Vp-p
2.4Vp-p
2.3Vp-p
3.6Vp-p
3.7Vp-p
3.0%
10%
5.0%
1500ms/230VAC30
atfullload
00ms/115VAC
90~264VAC
127~370VDC
47~63Hz
PF>0.95/115VAC,PF>0.9/230VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
80%
83.5%
82.5%
84%
84%
84.5%
85%
85.5%
10~14V
17~22V
14~16V
23~26V
27~34V
31~35V
40~50V
53~63V
0.4A/115VAC0.2A/230VAC
40A/230VAC
<0.5mA /240VAC
100~110%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
-30~+50
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.06%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
625.5Khrsmin.MIL-HDBK-217F(25
)
160*46*30mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. Output voltage can be adjusted through the SVR1 on the PCB; limit of output constant current level can be adjusted through the SVR2 on the PCB.
6. Constant current operation region is within 70% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
7. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
8. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
FileName:PLC-30-SPEC2011-07-28
0.2Kg;70pcs/15Kg/0.96CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
30WSingleOutputLEDPowerSupply
Universal AC input / Full range
Adjustable output voltage and current level
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Built-in constant current limiting circuit
Fully isolated plastic case with terminal block style of I/O
Built-in active PFC function, comply with EN61000-3-2 class C
(
)
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
2 years warranty
Pin
25W
(Note.2)
Class
power unit, no FG
Features :
P L C - 3 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
95
10
(TSW1)
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL1310Class2, TUVEN61347-1,EN61347-2-13,CAN/CSA C22.2No.223-M91(exceptfor48V);J61347-1,J61347-2-13approved
6.3~9V
CONSTANTCURRENTREGION Note.6
CompliancetoEN55015, EN61000-3-2ClassC(Pin
25W),ClassD(>70%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61547,lightindustrylevel,criteria A
VOLTAGE ADJ.RANGE Note.5
CURRENT ADJ.RANGE Note.5
11.4~13.2V
8.55~9.9V
1.875~2.575A
2.475~3.399A
14.5~16.5V
1.5~2.06A
19~22V
22.8~26.4V
0.938~ 1.288A
25.65~29.7V
0.84~1.1536A
34.2~39.6V
0.63~0.865A
45.6~52.8V
0.473~0.649A
1.125~1.545A
( for 48V only)
( except for 48V )
F
M
M
110
SELV
EMCIMMUNITY
EMCEMISSION


Similar Part No. - PLC-30-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLC-30-20 MEANWELL-PLC-30-20 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
More results

Similar Description - PLC-30-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
   30W LED Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com