Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP5610RSHR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5610RSHR
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5610RSHR Datasheet(HTML) 10 Page - Texas Instruments

Back Button VSP5610RSHR Datasheet HTML 6Page - Texas Instruments VSP5610RSHR Datasheet HTML 7Page - Texas Instruments VSP5610RSHR Datasheet HTML 8Page - Texas Instruments VSP5610RSHR Datasheet HTML 9Page - Texas Instruments VSP5610RSHR Datasheet HTML 10Page - Texas Instruments VSP5610RSHR Datasheet HTML 11Page - Texas Instruments VSP5610RSHR Datasheet HTML 12Page - Texas Instruments VSP5610RSHR Datasheet HTML 13Page - Texas Instruments VSP5610RSHR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
VSP5610
VSP5611
VSP5612
SBES021
– JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VSP5612 (continued)
All specifications at TA = +25°C, supply voltage = +3.3 V, conversion rate = 17.5 MHz, and four-channel mode, unless
otherwise noted.
VSP5612
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
LDO and analog I/O supply voltage
VDD
3.0
3.3
3.6
V
Digital I/O supply voltage
DVDD_IO
3.0
3.3
3.6
V
LVDS/CMOS supply voltage
LVDD
3.0
3.3
3.6
V
LDO and analog I/O current
VDD
133
mA
Digital I/O current
DVDD_IO
Load = 10 pF
7.5
mA
CMOS current
LVDD
10
mA
LVDS current
LVDD
Three-pair data, one-pair clock
24
mA
LVDS, three-pair
542
mW
Power consumption
CMOS output
507
mW
Standby mode (MCLK = 0 MHz)
15
mW
TEMPERATURE RANGE
Operation temperature
TA
0
+85
°C
PCB (50 mm
× 50 mm, four-layer),
Thermal resistor (junction-to-air)
θJA
29
°C/W
0 lfm airflow
Thermal resistor (junction-to-case)
θJC
24
°C/W
DLL, PLL
MCLK input frequency
fMCLK
1
23.33
MHz
MCLK modulated frequency
MCLK
> 5 MHz
35
kHz
MCLK modulated amplitude
–3.5
0
%
DLL tap number
48
Taps
Maximum DLL and PLL lock-up time
MCLK = 1 MHz
10
ms
TRANSFER CHARACTERISTICS
Channel
2
4
Channels
Resolution
16
Bits
LVDS, two- and three-channel mode
1
23.33
MHz/Ch
LVDS, four-channel mode
1
17.5
MHz/Ch
CMOS 8-bit
× 2, two-channel mode
1
20
MHz/Ch
CMOS 4-bit
× 4, two-channel mode
1
10
MHz/Ch
CMOS 8-bit
× 2, three-channel
Conversion rate
1
13.3
MHz/Ch
mode
CMOS 4-bit
× 4, three-channel
1
6.7
MHz/Ch
mode
CMOS 8-bit
× 2, four-channel mode
1
10
MHz/Ch
CMOS 4-bit
× 4, four-channel mode
1
5
MHz/Ch
Maximum differential nonlinearity
Gain = 1 V/V, 12-bit
±0.5
LSB
Maximum integral nonlinearity
Gain = 1 V/V, 12-bit
±2
LSB
No missing codes
Specified
Signal-to-noise ratio
SNR
Gain = 1 V/V
72(1)
75
dB
Analog channel crosstalk
Gain = 1 V/V, 12-bit, full-scale step
±15
LSB
Total absolute gain error
–10
10
%
(1)
Specified by design.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): VSP5610 VSP5611 VSP5612


Similar Part No. - VSP5610RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5620 TI1-VSP5620 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5620RSLR TI1-VSP5620RSLR Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5621 TI1-VSP5621 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5621RSLR TI1-VSP5621RSLR Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5622 TI1-VSP5622 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
More results

Similar Description - VSP5610RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5620 TI1-VSP5620 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
[Old version datasheet]   3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com