Electronic Components Datasheet Search |
|
VSP5612RSHR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
VSP5612RSHR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 47 page VSP5610 VSP5611 VSP5612 www.ti.com SBES021 – JUNE 2011 ELECTRICAL CHARACTERISTICS: VSP5610 All specifications at TA = +25°C, supply voltage = +3.3 V, conversion rate = 8.75 MHz, and four-channel mode, unless otherwise noted. VSP5610 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ANALOG INPUT Allowable input voltage 0 VDD V Full-scale range Gain = 1 V/V 1 VPP Input capacitor 5 pF DIGITAL INPUT Positive-going threshold VT+ DVDD_IO × 0.7 V Negative-going threshold VT– DVDD_IO × 0.3 V Hysteresis (VT+ – VT–) ΔVT DVDD_IO × 0.13 V Input current IIN ±1 µA Input capacitor 5 pF DIGITAL OUTPUT IOH = –2 mA DVDD_IO – 0.45 V High-level output voltage VOH IOH = –4 mA DVDD_IO – 0.50 V IOH = –8 mA DVDD_IO – 0.50 V IOL = 2 mA 0.35 V Low-level output voltage VOL IOL = 4 mA 0.50 V IOL = 8 mA 0.65 V XP1, XP2, XP3, XP4 –1 1 ns TG output timing skew Other signals –2 2 ns CMOS data output bit rate 80 MHz LVDS DRIVER (TA, TB, TC, TCLK) Differential steady-state output |VOD| RL = 100 Ω 300 350 400 mV voltage adjustment range Differential steady-state output |VOD| 3 Steps adjustment step Differential steady-state output |VOD| –30 30 % voltage tolerance Change in the steady-state differential output voltage magnitude Δ|VOD| 35 mV between opposite binary states Steady-state common-mode output VOC(SS) RL = 100 Ω 1.125 1.375 V voltage Peak-to-peak common-mode output VOC(PP) 80 150 mV voltage Short-circuit output current IOS VO = 0 V (VO = TA, TB, TC, TCLK) –6 ±24 mA VO = 0 V to LVDD Hi-Z output current IOZ ±10 µA (VO = TA, TB, TC, TCLK) Transition time, differential output tLR/tLF 0.75 1.5 ns voltage TCLK clock rate 8 35 MHz LVDS RECEIVER (RCLK) Positive-going differential input VIT+ 100 mV threshold voltage Negative-going differential input VIT– –100 mV threshold voltage RCLK clock rate 1 11.66 MHz Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): VSP5610 VSP5611 VSP5612 |
Similar Part No. - VSP5612RSHR |
|
Similar Description - VSP5612RSHR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |