Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP5612RSHR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5612RSHR
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5612RSHR Datasheet(HTML) 11 Page - Texas Instruments

Back Button VSP5612RSHR Datasheet HTML 7Page - Texas Instruments VSP5612RSHR Datasheet HTML 8Page - Texas Instruments VSP5612RSHR Datasheet HTML 9Page - Texas Instruments VSP5612RSHR Datasheet HTML 10Page - Texas Instruments VSP5612RSHR Datasheet HTML 11Page - Texas Instruments VSP5612RSHR Datasheet HTML 12Page - Texas Instruments VSP5612RSHR Datasheet HTML 13Page - Texas Instruments VSP5612RSHR Datasheet HTML 14Page - Texas Instruments VSP5612RSHR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
VSP5610
VSP5611
VSP5612
www.ti.com
SBES021
– JUNE 2011
ELECTRICAL CHARACTERISTICS: VSP5612 (continued)
All specifications at TA = +25°C, supply voltage = +3.3 V, conversion rate = 17.5 MHz, and four-channel mode, unless
otherwise noted.
VSP5612
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG PROGRAMMABLE GAIN (APG)
Gain range
APG_x
0.5
3.5
V/V
Gain step
63
Steps
Gain relative error
Basis gain = 1 V/V
–10
10
%
Gain monotonicity
Only APG_x
Specified
DIGITAL PROGRAMMABLE GAIN (DPG)
Gain range
DPG_x
1.0
2.0
V/V
Gain step
255
Steps
Gain monotonicity
Only DPG_x
Specified
AIN REFERENCE LEVEL (REF_AIN)
Setting code = 2
0.5
V
Setting code = 3
1.1
V
Internal DAC output
VRINT
Setting code = 0 (default)
1.5
V
Setting code = 1
2.0
V
Internal DAC output tolerance
VRINT
–10
10
%
Internal DAC output temperature
VRINT
TA = 0°C to +85°C
(2)
–2
2
%
drift
External reference range
VREXT
0.5
VDD
– 0.9
V
INPUT CLAMP
Internal reference level clamp
VRINT
V
Clamp level
VCLP
External reference level clamp
VREXT
V
Fixed level clamp
2.2
V
Clamp-on resistance
RCLP
500
Ω
OFFSET DAC
Resolution
8
Bits
Output range
±250
mV
Setting tolerance
–10
10
%
Temperature drift
TA = 0°C to +85°C
(2)
–2
2
%
(2)
Specified by design.
THERMAL INFORMATION
VSP561xRSH
THERMAL METRIC(1)
RSH
UNITS
56 PINS
θJA
Junction-to-ambient thermal resistance
25.8
θJCtop
Junction-to-case (top) thermal resistance
13.2
θJB
Junction-to-board thermal resistance
3.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
3.5
θJCbot
Junction-to-case (bottom) thermal resistance
0.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): VSP5610 VSP5611 VSP5612


Similar Part No. - VSP5612RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5620 TI1-VSP5620 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5620RSLR TI1-VSP5620RSLR Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5621 TI1-VSP5621 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5621RSLR TI1-VSP5621RSLR Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
VSP5622 TI1-VSP5622 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
More results

Similar Description - VSP5612RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5620 TI1-VSP5620 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
[Old version datasheet]   3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com