Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS1747 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1747
Description  VI TELEFILTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1747 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1747_07 Datasheet HTML 1Page - Vectron International, Inc TFS1747_07 Datasheet HTML 2Page - Vectron International, Inc TFS1747_07 Datasheet HTML 3Page - Vectron International, Inc TFS1747_07 Datasheet HTML 4Page - Vectron International, Inc TFS1747_07 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 1747.doc
Version 1.5
26.06.2007
VI TELEFILTER
Filter specification
TFS 1747
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
43
Ω || - 1 pF
Output:
43
Ω || - 1 pF
Source Impedance:
50
Load Impedance:
50
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1747,5 MHz without any tolerance or
limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
2
dB
max.
2,5
dB
Nominal frequency
fN
-
1747,5
MHz
Passband
PB
-
fN
±
37,5
MHz
Absolute attenuation
aabs
1
MHz ...
350
MHz
48
dB
min.
34
dB
350
MHz ...
1678
MHz
15
dB
min.
14
dB
1819
MHz ...
4000
MHz
18
dB
min.
14
dB
Input power level wilthin PB
-
max.
17
dBm
Return loss within PB
10,5
dB
max.
8
dB
Operating temperature range
OTR
-
- 40 °C ... + 85°C
Storage temperature range
-
- 40 °C ... + 85°C
Temperature coefficient of frequency
TCf *
-46
ppm/K
-
*)
∆f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz).
Generated:
Checked / Approved:
Filter characteristic


Similar Part No. - TFS1747_07

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1747F VECTRON-TFS1747F Datasheet
86Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS1747_07

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS70AU VECTRON-TFS70AU Datasheet
167Kb / 5P
   VI TELEFILTER
logo
List of Unclassifed Man...
TFS282A ETC-TFS282A Datasheet
42Kb / 5P
   VI TELEFILTER
logo
Vectron International, ...
TFS70AT VECTRON-TFS70AT Datasheet
162Kb / 5P
   VI TELEFILTER
TFS537 VECTRON-TFS537 Datasheet
241Kb / 5P
   VI TELEFILTER
TFS626 VECTRON-TFS626 Datasheet
226Kb / 5P
   VI TELEFILTER
TFS107 VECTRON-TFS107 Datasheet
206Kb / 5P
   VI TELEFILTER
TFS456H VECTRON-TFS456H Datasheet
184Kb / 5P
   VI TELEFILTER
TFS915B VECTRON-TFS915B Datasheet
219Kb / 5P
   VI TELEFILTER
TFS1220B VECTRON-TFS1220B Datasheet
96Kb / 6P
   VI TELEFILTER
TFS82C VECTRON-TFS82C Datasheet
162Kb / 5P
   VI TELEFILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com