Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLN-100-27 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLN-100-27
Description  100W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLN-100-27 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLN-100-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLN-100-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLN-100-27 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
PLN-100-12
PLN-100-15
PLN-100-20
PLN-100-24
PLN-100-27
PLN-100-36
PLN-100-48
DCVOLTAGE
RATEDCURRENT
Note.5
RATEDPOWER
Note.5
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS Note.7
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
OVERVOLTAGE
OVERTEMPERATURE
12V
15V
20V
24V
27V
36V
48V
5A
5A
4.8A
4A
3.55A
2.65A
2A
60W
75W
96W
96W
95.85W
95.4W
96W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
3.0%
1.0%
2.0%
1200ms,80ms/230VAC
atfullload
1200ms,80ms/115VAC
60ms/230VAC30
atfullload
ms/115VAC
90~295VAC127~417VDC
47~63Hz
PF>0.95/115VAC,PF>0.95/230VAC,PF>0.92/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
84.5%
86.5%
3.0%
90%
3.0%
90%
3.0%
90%
3.0%
90%
2.0%
89%
2.0%
13~16V
16.5~20V
22~27V
27~34V
30~36V
39~48V
52~64V
12V:0.8A/115VAC0.4A/230VAC
15V:0.9A/115VAC0.45A/230VAC20V~48V:1.1A/115VAC0.55A/230VAC
COLDSTART 40A/230VAC
<0.75mA /240VAC
95~102%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
-30~+50
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
303.1Khrsmin.MIL-HDBK-217F(25
)
200*70.5*35mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. This is the maximum possible output current and power. Over load protection may be activated slightly below this level to comply with the requirement
of UL1310 class 2.
6. Constant current operation region is within 75% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
7. Safety and EMC design refer to EN60598-1, subject 8750(UL), CNS15233, GB7000.1, FCC part18.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
FileName:PLN-100-SPEC2011-07-28
0.52Kg;20pcs/12.5Kg/0.76CUFT
Protectiontype: Shutdownandlatchoffo/pvoltage,re-powerontorecover
100WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Built-in active PFC function
IP64 design for indoor or outdoor installations
Pass LPS
UL1310 Class 2 power unit
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
2 years warranty
(up to 295VAC)
Suitable for dry / damp locations
High efficiency 90%
Features :
P L N - 1 0 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
90
10
(RTH2)
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
CompliancetoEN55015,EN55022(CISPR22)ClassB, EN61000-3-2ClassC(>75%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
IP64
( for 48V only)
( except for 48V )
F
M
M
110
LPS
SELV
9~12V
11.25~15V
15~20V
18~24V
20.25~27V
27~36V
36~48V
CONSTANTCURRENTREGION Note.6
SHORTCIRCUIT
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
VOLTAGE ADJ.RANGE (SVR1)
CURRENT ADJ.RANGE(SVR2)
10.2~12V
3.75~5A
12.8~15V
3.75~5A
17~20V
3.6~4.8A
20.4~24V
3~4A
23~27V
2.6~3.55A
30.6~36V
2~2.65A
40.8~48V
1.5~2A
CAN/CSA C22.2No.223-M91(exceptfor48V); J61347-1,J61347-2-13,IP64approved
UL879,UL8750,UL1310Class2, TUVEN60950-1,EN61347-1,EN61347-2-13independent
EMCIMMUNITY
EMCEMISSION


Similar Part No. - PLN-100-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100-27 MEANWELL-PLN-100-27 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
PLN-100-27 MEANWELL-PLN-100-27 Datasheet
231Kb / 3P
   100W Single Output Switching Power Supply
More results

Similar Description - PLN-100-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com