Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLP-30-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # PLP-30-48
Description  30W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLP-30-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  PLP-30-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLP-30-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLP-30-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
46
48
50
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
230V
115V
0 . 7 8
0 . 8 0
0 . 8 2
0 . 8 4
0 . 8 6
0 . 8 8
0 . 9 0
0 . 9 2
0 . 9 4
0 . 9 6
0 . 9 8
1 . 0 0
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 3 0 V
1 1 5 V
PLP-30seriespossesssuperiorworkingefficiencythatupto86.5%canbereachedinfieldapplications.
LOAD
PowerFactorCharacteristic
EFFICIENCY vsLOAD(48VModel)
ConstantCurrentMode
LOAD
DRIVINGMETHODSOFLEDMODULE
(30W)
ThisLEDpowersupplyissuggestedtoworkinconstantcurrentmodearea(CC)todrivetheLEDs.
TypicalLEDpowersupplyI-Vcurve
100
75
50
100
(max.)
Io (%)
Constant
Current area
Hiccup
Protection
FileName:PLP-30-SPEC2011-08-01
30WSingleOutputLEDPowerSupply
P L P - 3 0 series


Similar Part No. - PLP-30-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-30-48 MEANWELL-PLP-30-48 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
More results

Similar Description - PLP-30-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30 Datasheet
241Kb / 3P
   30W Single Output LED Power Supply
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
logo
LinkCom Manufacturing C...
30-LCVE LINKCOM-30-LCVE Datasheet
486Kb / 3P
   30W LED Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com