Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-709 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # VC-709
Description  HCSL, LVDS, LVPECL Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-709 Datasheet(HTML) 8 Page - Vectron International, Inc

  VC-709 Datasheet HTML 1Page - Vectron International, Inc VC-709 Datasheet HTML 2Page - Vectron International, Inc VC-709 Datasheet HTML 3Page - Vectron International, Inc VC-709 Datasheet HTML 4Page - Vectron International, Inc VC-709 Datasheet HTML 5Page - Vectron International, Inc VC-709 Datasheet HTML 6Page - Vectron International, Inc VC-709 Datasheet HTML 7Page - Vectron International, Inc VC-709 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
VC-709- PCIE2 - 100M000000
Product
XO
Options
Supply =2.25-3.63V
Output = HCSL
Stability = ±50 ppm over -40/85°C
Enable/Disable on Pin 1
Frequency in MHz
Package
5x7
Page8
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 03/28/2011
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
VI Shanghai
1589 Century Avenue, the 19th Floor
Chamtime International Financial Center
Shanghai, China
Tel: 86.21.6081.2888
Fax: 86.21.6163.3598
Ordering Information
Example: VC-709-ECE-KAAN-156M250
VC-709- E C E - K A A N - xxxMxxxxxx
Product
XO
Voltage Options
E: +3.3 Vdc ±5%
H: +2.5 Vdc ±5%
Output
H: HCSL
C: LVPECL
D: LVDS
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
W: -10/70°C
E: -40/85°C
Other (Future Use)
N: Standard
Stability
F: ±25ppm
K: ±50ppm
S: ±100ppm
Enable/Disable Pin
A: Pin 1
B: Pin 2
Package
5x7
Enable/Disable Logic
A: Enable High
PCI Express Ordering Information
VC-709-107-frequency= LVPECL, +3.3V, ±20ppm over -10/70°C, E/D on Pin1
VC-709-109-frequency= LVDS,
+3.3V, ±20ppm over -10/70°C, E/D on Pin1
VC-709-110-frequency= LVPECL, +2.5V, ±20ppm over -10/70°C, E/D on Pin1
VC-709-111-frequency= LVDS,
+2.5V, ±20ppm over -10/70°C, E/D on Pin1
±20ppm Options


Similar Part No. - VC-709

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-700 VECTRON-VC-700 Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAA VECTRON-VC-700-CFC-FAA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAL VECTRON-VC-700-CFC-FAL Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FAM VECTRON-VC-700-CFC-FAM Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-700-CFC-FFA VECTRON-VC-700-CFC-FFA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-709

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VM-822 VECTRON-VM-822 Datasheet
289Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VM-802 VECTRON-VM-802 Datasheet
284Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
VC-706-ECW-EA VECTRON-VC-706-ECW-EA Datasheet
196Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-707-ECW-EA VECTRON-VC-707-ECW-EA Datasheet
195Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
logo
AiT Semiconductor Inc.
KOH7050 AITSEMI-KOH7050 Datasheet
247Kb / 1P
   HCSL CRYSTAL OSCILLATOR
KOH3225 AITSEMI-KOH3225 Datasheet
251Kb / 1P
   HCSL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com