Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC04-12 Datasheet(PDF) 5 Page - Semtech Corporation

Part # LC04-12
Description  Dual Low Capacitance TVS Array for Telecom Line-Card Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC04-12 Datasheet(HTML) 5 Page - Semtech Corporation

  LC04-12 Datasheet HTML 1Page - Semtech Corporation LC04-12 Datasheet HTML 2Page - Semtech Corporation LC04-12 Datasheet HTML 3Page - Semtech Corporation LC04-12 Datasheet HTML 4Page - Semtech Corporation LC04-12 Datasheet HTML 5Page - Semtech Corporation LC04-12 Datasheet HTML 6Page - Semtech Corporation LC04-12 Datasheet HTML 7Page - Semtech Corporation LC04-12 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LC04-12
Configuring The LC04-12 for Central Office ADSL
Applications
For Central Office applications, the LC04-12 can be
configured for operation to 24V with the addition of
two external steering diodes. This is accomplished by
connecting two adjacent legs of the LC04-12 in series
and adding the steering diodes as shown in Figure 4.
Each of the TVS diodes has a working voltage of 12V.
Since the voltages are additive when series connected,
the device will have a working voltage of 24V. The
power rating of the device is effectively doubled since
the surge current capability remains unchanged.
During positive duration transients, the internal TVS
diodes of the LC04-12 will be reversed biased when
the line voltage exceeds 24V. Transient current will
flow through the LC04-12 to ground. For negative
duration transient, the external steering diodes (D1 &
D2) will be forward biased when the voltage exceeds
the forward voltage (V
F) of the device.
The steering diodes are required to insure that the
internal compensation diodes of the LC04-12 are not
reverse biased as this would result in their destruction.
The ES1A ultrafast rectifiers have been found to work
well in this application. These devices will survive the
Bellcore 1089 (intra-building) and ITU K.20/K.21
surges and have a repetitive reverse voltage rating of
50V, and a typical junction capacitance of 10pF.
The total capacitance seen by the line will typically be
<25pF. This is determined by the sum of the capaci-
tance of the steering diode and 1/2 of the capacitance
of each line pair of the LC04-12.
Applications Information (Continued)


Similar Part No. - LC04-12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6 SEMTECH-LC04-6 Datasheet
167Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Linecard Applications
LC04-6.TB SEMTECH-LC04-6.TB Datasheet
167Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Linecard Applications
LC04-6TB SEMTECH-LC04-6TB Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
LC04-6TE SEMTECH-LC04-6TE Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
More results

Similar Description - LC04-12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC05-6 SEMTECH-LC05-6_03 Datasheet
104Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6 Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
LC04-6 SEMTECH-LC04-6_05 Datasheet
167Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Linecard Applications
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
logo
Protek Devices
VSMF05LC PROTEC-VSMF05LC_11 Datasheet
493Kb / 6P
   multi-line low capacitance tvs array
MSMF05LC PROTEC-MSMF05LC_12 Datasheet
496Kb / 6P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LCC PROTEC-VSMF05LCC_11 Datasheet
518Kb / 6P
   multi-line low capacitance tvs array
SMP6LC05-2P PROTEC-SMP6LC05-2P_12 Datasheet
728Kb / 7P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
MSMF05LCC PROTEC-MSMF05LCC_11 Datasheet
517Kb / 6P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LCC PROTEC-VSMF05LCC_12 Datasheet
521Kb / 6P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com