Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM-802-FCE-KAAN Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VM-802-FCE-KAAN
Description  MEMS based HCSL, LVDS, LVPECL Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VM-802-FCE-KAAN Datasheet(HTML) 2 Page - Vectron International, Inc

  VM-802-FCE-KAAN Datasheet HTML 1Page - Vectron International, Inc VM-802-FCE-KAAN Datasheet HTML 2Page - Vectron International, Inc VM-802-FCE-KAAN Datasheet HTML 3Page - Vectron International, Inc VM-802-FCE-KAAN Datasheet HTML 4Page - Vectron International, Inc VM-802-FCE-KAAN Datasheet HTML 5Page - Vectron International, Inc VM-802-FCE-KAAN Datasheet HTML 6Page - Vectron International, Inc VM-802-FCE-KAAN Datasheet HTML 7Page - Vectron International, Inc VM-802-FCE-KAAN Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Performance Specifications
Table 1. Electrical Performance, HCSL Output
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
2.25
3.60
V
Current (No Load)
I
DD
42
mA
Frequency
Nominal Frequency
f
N
10
460
MHz
Stability2 (Ordering Options)
±10, ±25, ±50
ppm
Outputs
Output Logic Levels
Output Logic High
Output Logic Low
V
OH
V
OL
0.725
0.1
V
V
Output Rise and Fall Time3
Rise Time
Fall Time
t
R
t
F
400
400
ps
ps
Load
50 ohms to ground
Duty Cycle4
48
52
%
Jitter (200 kHz - 20 MHz ) 156.250MHz5
12kHz-20MHz
фJ
280
1.7
fs
ps
Period Jitter6
RMS
P/P
фJ
3.9
28
ps
ps
Enable/Disable
Output Enabled7
Output Disabled
V
IH
V
IL
0.75*V
DD
0.25*V
DD
V
V
Disable Time
t
D
5ns
Enable/Disable Leakage Current
I
E/D
±200
uA
Start-Up Time
t
SU
5ms
Operating Temp. (Ordering Option)
T
OP
-10/70 or -40/85
°C
Package Size
5.0 x 7.0 x 0.9
mm
t
R
t
F
V
AMP
*0.8
V
AMP
*0.2
Cross Point
On Time
Period
Figure 2.
V
AMP
1. The VM-802 power supply pin should be filtered, e.g., a 0.1 and 0.01uf capacitor.
2. Includes calibration tolerance, operating temperature, supply voltage variations, aging and IR reflow.
3. Figure 1 defines the test circuit and Figure 2 defines these parameters.
4. Duty Cycle is defined as the On Time/Period.
5. Measured using an Agilent E5052.
6. Measured using a Wavecrest SIA3300C, 90K samples.
7. Outputs will be Enabled if the Enable/Disable pad is left open.
Page2
Figure 1.
50 Ω
50 Ω
1
6
2
5
3
4


Similar Part No. - VM-802-FCE-KAAN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-800 VECTRON-VM-800 Datasheet
183Kb / 5P
   MEM?셲 Clock Oscillator
More results

Similar Description - VM-802-FCE-KAAN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VM-822 VECTRON-VM-822 Datasheet
289Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
   HCSL, LVDS, LVPECL Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
Micrel Semiconductor
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
   Low-Jitter Configurable HCSL-LVPECL Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
   LVPECL , PECL , LVDS OSCILLATOR
9-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com