Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC1-B02C-10M00 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VTC1-B02C-10M00
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC1-B02C-10M00 Datasheet(HTML) 5 Page - Vectron International, Inc

  VTC1-B02C-10M00 Datasheet HTML 1Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 2Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 3Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 4Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 5Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 6Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 7Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 8Page - Vectron International, Inc VTC1-B02C-10M00 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VTC1 Data sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCXO Functional Description
VCXO Feature: The VTC1 can be ordered with a VCXO function for applications where it will be used in a
PLL, or the output frequency needs fine tune adjustments. This is high impedance, 1 Mohm, input and can
be driven with an op-amp or terminated with adjustable resistors etc. Pin 1 should not be left floating on
the VCXO optional devices.
“No Adjust” Feature: In applications where the VTC1 will not be used in a PLL, or the output frequency
does not fine tune adjustments, the best device to use would be a VTC1-x0xxx. By using the “no adjust”
option, the circuit is simplified as Vc does not need to adjusted or set to a predetermined voltage and pin
1 should be grounded or left open (but not set to a voltage such as the supply).
Outline Diagrams, Pad Layout and Pin Out
Table 3. Pinout
Pin #
Symbol
Function
1
N/C or
VC
No Connect (VTC1-x0xx)
or VCXO Control Voltage
2
GND
Electrical and Case Ground
3
fO
Output Frequency
4
VDD
Supply Voltage
NOTE: Additional pads are used to program and adjust the TCXO during manufacturing and should be left
open; do not terminate these to the supply voltage. Some designs do not include these additional pads.
It’s recommended to not have traces routed underneath the devices.
Contact Pads are gold over nickel
Figure 3, Package drawing


Similar Part No. - VTC1-B02C-10M00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTC1 ETC-VTC1 Datasheet
127Kb / 2P
   High Performance in a 5x7 package
logo
VITALCONN ELECTRONICS H...
VTC102010052 VITALCONN-VTC102010052 Datasheet
592Kb / 2P
   TF PUSH external welding H=1.85 LCP vinyl terminal C5191 external shell stainless steel
REV: A
VTC102010142 VITALCONN-VTC102010142 Datasheet
525Kb / 3P
   SD PUSH internal welding H=2.85 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC102010562 VITALCONN-VTC102010562 Datasheet
614Kb / 3P
   SD PUSH external welding H=2.85 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC102010752 VITALCONN-VTC102010752 Datasheet
639Kb / 2P
   SD NO PUSH external welding H=2.80 LCP white glue terminal C5191 shell bronze C2680
REV: A
More results

Similar Description - VTC1-B02C-10M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com