Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2065C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2065C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2065C Datasheet(HTML) 3 Page - Texas Instruments

  TPS2065C Datasheet HTML 1Page - Texas Instruments TPS2065C Datasheet HTML 2Page - Texas Instruments TPS2065C Datasheet HTML 3Page - Texas Instruments TPS2065C Datasheet HTML 4Page - Texas Instruments TPS2065C Datasheet HTML 5Page - Texas Instruments TPS2065C Datasheet HTML 6Page - Texas Instruments TPS2065C Datasheet HTML 7Page - Texas Instruments TPS2065C Datasheet HTML 8Page - Texas Instruments TPS2065C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS20xxC
www.ti.com
SLVSAU6A –JUNE 2011–REVISED JULY 2011
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
4.5
5.5
V
VEN
Input voltage, EN or EN
0
5.5
V
TPS2051C
0.5
TPS2065C
1
Continuous output current,
IOUT
A
OUT
TPS2069C
1.5
TPS2000C/01C
2
TJ
Operating junction temperature
40
125
°
C
IFLT
Sink current into FLT
0
5
mA
ELECTRICAL CHARACTERISTICS: TJ = TA = 25°C
(1)
Unless otherwise noted:, VIN = 5 V, VEN = VIN or VEN = GND, IOUT = 0 A. See the DEVICE INFORMATION table for the rated
current of each part number. Parametrics over a wider operational range are shown in the second ELECTRICAL
CHARACTERISTICS table.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
0.5 A rated output, 25°C
DBV
97
110
mΩ
0.5 A rated output,
DBV
96
130
mΩ
40°C ≤ (TJ , TA) ≤ 85°C
DBV
96
110
1 A rated output, 25°C
mΩ
DGN
86
100
DBV
96
130
1 A rated output,
mΩ
RDS(ON)
Input – output resistance
40°C ≤ (TJ , TA) ≤ 85°C
DGN
86
120
1.5 A rated output, 25°C
DGN
69
84
mΩ
1.5 A rated output,
DGN
69
98
mΩ
40°C ≤ (TJ , TA) ≤ 85°C
2 A rated output, 25°C
DGN
72
84
mΩ
2 A rated output,
DGN
72
98
mΩ
40°C ≤ (TJ , TA) ≤ 85°C
CURRENT LIMIT
0.5A rated output
0.67
0.85
1.01
1 A rated output
1.3
1.55
1.8
Current-limit,
IOS(2)
A
See Figure 7
1.5 A rated output
1.7
2.15
2.5
2 A rated output
2.35
2.9
3.4
SUPPLY CURRENT
0.01
1
ISD
Supply current, switch disabled
µ
A
40°C ≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V
2
60
70
ISE
Supply current, switch enabled
µ
A
40°C ≤ (TJ , TA) ≤ 85°C, VIN = 5.5 V
85
VOUT = 5 V, VIN = 0 V, measure IVOUT
0.1
1
IREV
Reverse leakage current
µ
A
40°C ≤ (TJ , TA) ≤ 85°C, VOUT = 5 V, VIN = 0
5
V, measure IVOUT
OUTPUT DISCHARGE
RPD
Output pull-down resistance(3)
VIN = VOUT = 5 V, disabled
400
470
600
(1) Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2) See CURRENT LIMIT section for explanation of this parameter.
(3) These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
Copyright © 2011, Texas Instruments Incorporated
3


Similar Part No. - TPS2065C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2065C TI1-TPS2065C Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2065C-2 TI1-TPS2065C-2 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2065CDBVR TI-TPS2065CDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2065CDBVR TI1-TPS2065CDBVR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2065CDBVR TI1-TPS2065CDBVR Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com