Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAA1-09225QBHW31 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAA1-09225QBHW31
Description  92x92x25mm AC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAA1-09225QBHW31 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAA1-09225QBHW31 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Shaded Pole Induction Motor
Motor Protection: Impedance Protected
Bearing Type: Two Ball or Sleeve
Connection: UL 1430 AWG 22, 280mm Wire Leads or Terminal
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
92x92x25mm
FAA1-09225 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VAC)
Freq.
(Hz)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAA1-09225N H 31
FAA1-09225Q H 31
FAA1-09225N M 31
FAA1-09225Q M 31
50/60
50/60
50/60
50/60
0.07/0.06
0.07/0.06
0.07/0.06
0.07/0.06
6.00/5.00
12.20/10.00
6.00/5.00
13.50/11.50
2000/2400
2000/2400
1800/2200
1800/2200
Maximum
AirFlow
0.792/0.962
0.792/0.962
0.707/0.863
0.707/0.863
28.0/34.0
28.0/34.0
25.0/30.5
25.0/30.5
115
230
115
230
(CMM)
(CFM)
Maximum Static
Pressure
0.076/0.116
0.076/0.116
0.059/0.089
0.059/0.089
1.930/2.946
1.930/2.946
1.498/2.260
1.498/2.260
(InAq)
(mmAq)
Noise
Level
(dB/A)
24.1/30.1
24.1/30.1
21.1/26.8
21.1/26.8
Weight
(g)
230
230
230
230
ISO-9001 Company
www.qualtekusa.com
AC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
Sleeve: 30,000 Hours
* Indicates “B” (Ball Bearing) or “S” (Sleeve Bearing)
* **
** Indicates “W” (Wire Leads) or “T” (Terminal)
Qualtek
Electronics Corporation
* **
* **
* **
Noise is measured at the distance of one (1) meter from the axis of intake.
Fan-S Division


Similar Part No. - FAA1-09225QBHW31

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-08025 QUALTEK-FAA1-08025 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
FAA1-08025NBHT31 QUALTEK-FAA1-08025NBHT31 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
FAA1-08025NBHW31 QUALTEK-FAA1-08025NBHW31 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
FAA1-08025NBMT31 QUALTEK-FAA1-08025NBMT31 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
FAA1-08025NBMW31 QUALTEK-FAA1-08025NBMW31 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
More results

Similar Description - FAA1-09225QBHW31

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CC9225 COOLCOX-CC9225 Datasheet
417Kb / 1P
   DC Axial Fan 92x92x25mm
logo
Qualtek Electronics Cor...
FAD1-09225 QUALTEK-FAD1-09225 Datasheet
1Mb / 1P
   92x92x25mm DC AXIAL FAN
logo
Dubilier
DBF9225B115MT DUBILIER-DBF9225B115MT Datasheet
132Kb / 1P
   AC COOLING FAN 92x92x25mm
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
logo
Qualtek Electronics Cor...
FAA1-08025 QUALTEK-FAA1-08025 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
logo
ebm-papst
3500 EBMPAPST-3500 Datasheet
290Kb / 4P
   AC axial compact fan
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
   AC axial compact fan
4650Z EBMPAPST-4650Z Datasheet
286Kb / 4P
   AC axial compact fan
4656N EBMPAPST-4656N Datasheet
296Kb / 4P
   AC axial compact fan
4656TZ EBMPAPST-4656TZ Datasheet
208Kb / 3P
   AC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com