Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-705 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # VX-705
Description  Voltage Controlled Crystal Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-705 Datasheet(HTML) 8 Page - Vectron International, Inc

  VX-705 Datasheet HTML 1Page - Vectron International, Inc VX-705 Datasheet HTML 2Page - Vectron International, Inc VX-705 Datasheet HTML 3Page - Vectron International, Inc VX-705 Datasheet HTML 4Page - Vectron International, Inc VX-705 Datasheet HTML 5Page - Vectron International, Inc VX-705 Datasheet HTML 6Page - Vectron International, Inc VX-705 Datasheet HTML 7Page - Vectron International, Inc VX-705 Datasheet HTML 8Page - Vectron International, Inc VX-705 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Table 9. Standard Output Frequencies (MHz)
89.60000
93.31200
100.00000
122.88000
125.00000
127.79520
148.50000
155.52000
156.25000
Page8
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 5/12/2011
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.8010
Fax: +49 (0) 7268.801281
Asia:
Vectron International
1589 Century Avenue, the 19th Floor
Chamtime International Financial Center
Shanghai, China
Tel: 86.21.60812888
Fax: 86.21.61633598
VX-705- E A T - K X A N- 122M880000
Product
VCXO, 5x7 Package
Voltage Options
E: +3.3 Vdc
Output
A: CMOS
C: LVPECL
Stability
X: Standard
E: ±20 ppm Temperature
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
T: 0/70°C
I: -20/85°C
J: -20/70°C
E: -40/85°C
Other (Future Use)
N: Standard
Absolute Pull Range
K: ±50 ppm
P: ±80 ppm
Enable/Disable
A: Enable High, Pin 2
X: Disable, Pin 2 (No Connect Internally)
Example: VX-705-EAT-KXAN-122M880000


Similar Part No. - VX-705

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-705 VECTRON-VX-705 Datasheet
349Kb / 7P
   Voltage Controlled Crystal Oscillator
VX-705 VECTRON-VX-705_12 Datasheet
995Kb / 8P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-705

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com