Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4330 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4330
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4330 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4330 Datasheet HTML 7Page - Texas Instruments OPA4330 Datasheet HTML 8Page - Texas Instruments OPA4330 Datasheet HTML 9Page - Texas Instruments OPA4330 Datasheet HTML 10Page - Texas Instruments OPA4330 Datasheet HTML 11Page - Texas Instruments OPA4330 Datasheet HTML 12Page - Texas Instruments OPA4330 Datasheet HTML 13Page - Texas Instruments OPA4330 Datasheet HTML 14Page - Texas Instruments OPA4330 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Time(1s/div)
Peak-to-PeakNoise=250nV
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
5TypicalUnitsShown
V
= 2Vto 18V
SUPPLY
±
±
0.01
0.001
0.0001
0.00001
10
100
1k
10k
20k
Frequency(Hz)
V
=1V
BW=80kHz
OUT
RMS
G=+1,R =10kW
L
G= 1,R =10k
-
W
L
-
80
-
100
-
120
-
140
100
10
1
0.1
10
100
1k
10k
100k
Frequency(Hz)
1
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
20
OutputAmplitude(V
)
RMS
-
60
80
100
120
140
-
-
-
-
BW=80kHz
G=+1,R =10kW
L
G= 1,R =10k
-
W
L
0.5
0.48
0.46
0.44
0.42
0.4
0.38
0.36
0.34
0.32
0.3
0
4
8
12
16
36
SupplyVoltage(V)
32
28
24
20
SpecifiedSupply-VoltageRange
OPA188
OPA2188
OPA4188
www.ti.com
SBOS525
– AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
PSRR vs TEMPERATURE
0.1-Hz TO 10-Hz NOISE
Figure 13.
Figure 14.
INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 15.
Figure 16.
THD+N vs OUTPUT AMPLITUDE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 17.
Figure 18.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA188 OPA2188 OPA4188


Similar Part No. - OPA4330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4330 TI-OPA4330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA4330 TI-OPA4330 Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA4330 TI1-OPA4330 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA4330AID TI-OPA4330AID Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA4330AID TI-OPA4330AID Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA4330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com