Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAA1-12038QSHW31 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAA1-12038QSHW31
Description  120x120x38mm AC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAA1-12038QSHW31 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAA1-12038QSHW31 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Shaded Pole Induction Motor
Motor Protection: Impedance Protected
Bearing Type: Two Ball, Sleeve, or Hydro Dynamic
Connection: UL 1430 AWG 22, 280mm Wire Leads or Terminal
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
120x120x38mm
FAA1-12038 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VAC)
Freq.
(Hz)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAA1-12038N H 31
FAA1-12038Q H 31
FAA1-12038N M 31
FAA1-12038Q M 31
FAA1-12038N L 31
FAA1-12038Q L 31
FAA1-12038N A 31
FAA1-12038Q A 31
50/60
50/60
50/60
50/60
50/60
50/60
50/60
50/60
0.23/0.18
0.12/0.10
0.16/0.14
0.08/0.07
0.10/0.09
0.05/0.04
0.08/0.07
0.04/0.04
17.00/14.00
17.00/14.00
18.40/16.10
18.40/16.10
11.50/10.35
11.50/9.20
9.20/8.05
9.20/9.20
2700/3000
2700/3000
2600/2800
2600/2800
2400/2200
2400/2200
2300/1700
2300/1700
Maximum
AirFlow
2.348/2.674
2.348/2.674
2.306/2.462
2.306/2.462
2.150/1.924
2.150/1.924
1.981/1.514
1.981/1.514
83.0/94.5
83.0/94.5
81.5/87.0
81.5/87.0
76.0/68.0
76.0/68.0
70.0/53.5
70.0/53.5
115
230
115
230
115
230
115
230
(CMM)
(CFM)
Maximum Static
Pressure
0.330/0.350
0.330/0.350
0.244/0.210
0.244/0.210
0.180/0.100
0.180/0.100
0.130/0.060
0.130/0.060
7.620/8.890
7.620/8.890
6.197/5.334
6.197/5.334
4.572/2.540
4.572/2.540
3.302/1.524
3.302/1.524
(InAq)
(mmAq)
Noise
Level
(dB/A)
42.2/44.5
42.2/44.5
41.0/43.0
41.0/43.0
40.1/37.9
40.1/37.9
39.2/30.5
39.2/30.5
Weight
(g)
550
550
550
550
550
550
550
550
ISO-9001 Company
www.qualtekusa.com
AC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
* Indicates “B” (Ball Bearing), “S” (Sleeve Bearing), or “H” (Hydro Dynamic)
* **
** Indicates “W” (Wire Leads) or “T” (Terminal)
Qualtek
Electronics Corporation
* **
* **
* **
Noise is measured at the distance of one (1) meter from the axis of intake.
* **
* **
* **
* **
A
A
Fan-S Division


Similar Part No. - FAA1-12038QSHW31

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-12038QA31-A QUALTEK-FAA1-12038QA31-A Datasheet
1Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FAA1-12038QH31-A QUALTEK-FAA1-12038QH31-A Datasheet
1Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FAA1-12038QJ31-A QUALTEK-FAA1-12038QJ31-A Datasheet
1Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FAA1-12038QK31-A QUALTEK-FAA1-12038QK31-A Datasheet
1Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FAA1-12038QL31-A QUALTEK-FAA1-12038QL31-A Datasheet
1Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
More results

Similar Description - FAA1-12038QSHW31

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-12038 QUALTEK-FAD1-12038 Datasheet
1Mb / 1P
   120x120x38mm DC AXIAL FAN
logo
Dubilier
DBF12038B115MT DUBILIER-DBF12038B115MT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
logo
Qualtek Electronics Cor...
FAA1-08025 QUALTEK-FAA1-08025 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
logo
ebm-papst
3500 EBMPAPST-3500 Datasheet
290Kb / 4P
   AC axial compact fan
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
   AC axial compact fan
4650Z EBMPAPST-4650Z Datasheet
286Kb / 4P
   AC axial compact fan
4656N EBMPAPST-4656N Datasheet
296Kb / 4P
   AC axial compact fan
4656TZ EBMPAPST-4656TZ Datasheet
208Kb / 3P
   AC axial compact fan
4856Z EBMPAPST-4856Z Datasheet
287Kb / 4P
   AC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com