Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA188AIDGKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDGKR
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA188AIDGKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA188AIDGKR Datasheet HTML 4Page - Texas Instruments OPA188AIDGKR Datasheet HTML 5Page - Texas Instruments OPA188AIDGKR Datasheet HTML 6Page - Texas Instruments OPA188AIDGKR Datasheet HTML 7Page - Texas Instruments OPA188AIDGKR Datasheet HTML 8Page - Texas Instruments OPA188AIDGKR Datasheet HTML 9Page - Texas Instruments OPA188AIDGKR Datasheet HTML 10Page - Texas Instruments OPA188AIDGKR Datasheet HTML 11Page - Texas Instruments OPA188AIDGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OPA188
OPA2188
OPA4188
SBOS525
– AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4, Figure 5
Offset Voltage vs Power Supply
Figure 6
IB and IOS vs Common-Mode Voltage
Figure 7
Input Bias Current vs Temperature
Figure 8
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 9
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 10
CMRR vs Temperature
Figure 11, Figure 12
PSRR vs Temperature
Figure 13
0.1-Hz to 10-Hz Noise
Figure 14
Input Voltage Noise Spectral Density vs Frequency
Figure 15
THD+N Ratio vs Frequency
Figure 16
THD+N vs Output Amplitude
Figure 17
Quiescent Current vs Supply Voltage
Figure 18
Quiescent Current vs Temperature
Figure 19
Open-Loop Gain and Phase vs Frequency
Figure 20
Closed-Loop Gain vs Frequency
Figure 21
Open-Loop Gain vs Temperature
Figure 22
Open-Loop Output Impedance vs Frequency
Figure 23
Small-Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 24, Figure 25
No Phase Reversal
Figure 26
Positive Overload Recovery
Figure 27
Negative Overload Recovery
Figure 28
Small-Signal Step Response (100 mV)
Figure 29, Figure 30
Large-Signal Step Response
Figure 31, Figure 32
Large-Signal Settling Time (10-V Positive Step)
Figure 33
Large-Signal Settling Time (10-V Negative Step)
Figure 34
Short-Circuit Current vs Temperature
Figure 35
Maximum Output Voltage vs Frequency
Figure 36
Channel Separation vs Frequency
Figure 37
EMIRR IN+ vs Frequency
Figure 38
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA188 OPA2188 OPA4188


Similar Part No. - OPA188AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDGKR TI-OPA188AIDGKR Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
More results

Similar Description - OPA188AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com