Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAD1-04020BHAW11 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAD1-04020BHAW11
Description  40x40x20mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAD1-04020BHAW11 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAD1-04020BHAW11 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40x40x20mm
FAD1-04020 Series
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAD1-04020B AW11
FAD1-04020B LW11
FAD1-04020B MW11
FAD1-04020B HW11
FAD1-04020C AW11
FAD1-04020C LW11
FAD1-04020C MW11
FAD1-04020C HW11
FAD1-04020C JW11
FAD1-04020D AW11
FAD1-04020D LW11
FAD1-04020D MW11
FAD1-04020D HW11
0.09
0.14
0.16
0.25
0.04
0.07
0.08
0.10
0.14
0.14
0.05
0.06
0.07
0.45
0.70
0.80
1.25
0.48
0.84
0.96
1.20
1.68
1.68
1.20
1.44
1.68
4200
6200
6900
7800
4200
6200
6900
7800
8500
4200
6200
6900
7800
Maximum
AirFlow
0.127
0.198
0.219
0.249
0.127
0.198
0.219
0.249
0.271
0.127
0.198
0.219
0.249
4.489
6.999
7.741
8.802
4.489
6.999
7.741
8.802
9.579
4.489
6.999
7.741
8.802
5
5
5
5
12
12
12
12
12
24
24
24
24
(CMM)
(CFM)
Maximum Static
Pressure
0.080
0.165
0.200
0.280
0.080
0.165
0.200
0.280
0.320
0.080
0.165
0.200
0.280
2.032
4.191
5.080
7.112
2.032
4.191
5.080
7.112
8.128
2.032
4.191
5.080
7.112
(InAq)
(mmAq)
Noise
Level
(dB/A)
17.5
30.0
33.0
36.0
17.5
30.0
33.0
36.0
37.5
17.5
30.0
33.0
36.0
Weight
(g)
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
ISO-9001 Company
www.qualtekusa.com
DC AXIAL FAN
* Indicates “B” (Ball Bearing), “S” (Sleeve), or “H” (Hydro Dynamic)
*
Qualtek
Electronics Corporation
*
*
*
Noise is measured at the distance of one (1) meter from the axis of intake.
*
*
*
*
*
*
*
*
*
Motor: Brushless DC
Motor Protection: Impedance Protected
Bearing Type: Two Ball, Sleeve, or Hydro Dynamic
Connection: UL 1007 AWG 26, 295mm Wire Leads
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
Features:
Frame Material: Plastic UL94V-0
Life Expectancy:
Two Ball: 70,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
A
J
Fan-S Division


Similar Part No. - FAD1-04020BHAW11

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-04010 QUALTEK-FAD1-04010 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAAW11 QUALTEK-FAD1-04010BAAW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAHW11 QUALTEK-FAD1-04010BAHW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAJW11 QUALTEK-FAD1-04010BAJW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BALW11 QUALTEK-FAD1-04010BALW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
More results

Similar Description - FAD1-04020BHAW11

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CC4020 COOLCOX-CC4020 Datasheet
400Kb / 1P
   DC Axial Fan 40x40x20mm
BF4020 COOLCOX-BF4020 Datasheet
337Kb / 1P
   DC Blower Fan 40x40x20mm
logo
Dubilier
DBF4020B12H DUBILIER-DBF4020B12H Datasheet
129Kb / 1P
   DC COOLING FAN 40x40x20mm
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com