Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACD60-4200 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD60-4200
Description  60 Watt PFC Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD60-4200 Datasheet(HTML) 2 Page - Recom International Power

  RACD60-4200 Datasheet HTML 1Page - Recom International Power RACD60-4200 Datasheet HTML 2Page - Recom International Power RACD60-4200 Datasheet HTML 3Page - Recom International Power RACD60-4200 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-international.com
27
REV:3/2011
RACD60
Series
LIGHTLINE
AC/DC-Converter
Open Circuit Output Voltage
4200mA
19VDC
(Zener Diode Clamp)
2400mA
25VDC
Typical Values
2100mA
29VDC
1050mA
55VDC
Operating Temperature Range
free air convection, with derating
-30°C to +70°C
Storage Temperature Range
-40°C to +85°C
Humidity
non-condensing
95% RH max.
Environmental Protection
Open Frame (/OF, /TOF)
Indoor Use Only, IP00
Potted Version (/IP67)
IP67
PCB Material
Plastic Resin with Fibreglass (UL94V-0)
Weight
Open Frame (/OF, /TOF)
165g
Potted Version (/IP67)
200g
Packing Quantity
1pc
EMC
EN 55015, EN61347-1, EN61347-2-13
Harmonics
Designed to meet EN 61000-3-2 (Class C, Full load) and EN 61000-3-3
MTBF
(using MIL-HDBK-217F, 25°C)
583 x 10³ hours
Certifications
LED Lighting Safety
UL8750
LED Lighting Safety (Canada)
cUL8750
CE LVD Directive
EN61347
Input/Output Connections
/OF
Pin Header (suitable matching connector JST VHR or similar)
.
/IP67
300mm Cable ± 20mm
* Do not connect or disconnect the LED load while the converter is on.
This may damage the LED or reduce its life.
Specifications cont. (typical at 25°C and after warm up time unless otherwise specified )
Input Voltage Derating (Ta=25°C)
125
75
50
25
0
100
Input Voltage (VAC)
115
264
90
230
Derating Graphs
125
75
50
25
0
100
Ambient Temperature Range (°C)
060 70 80 90
Natural Convection
50
-30
4.2A
All others
40
125
75
50
25
0
100
Ambient Temperature Range (°C)
060 70 80 90
Natural Convection
50
-30
4.2A
All others
40
RACD60
RACD60
-xxxx/OF
-xxxx/TOF
RACD60
-xxxx/IP67


Similar Part No. - RACD60-4200

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60-4200 RECOM-RACD60-4200 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60-4200 RECOM-RACD60-4200 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
RACD60-4200A RECOM-RACD60-4200A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
More results

Similar Description - RACD60-4200

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
   20 Watt PFC Single Output
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
   12 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
   45 Watt PFC Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
   35 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
   20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
   60 Watt Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com