Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1121ELHLT-T2 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1121ELHLT-T2
Description  Chopper Stabilized Precision Hall Effect Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1121ELHLT-T2 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1121ELHLT-T2 Datasheet HTML 1Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 2Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 3Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 4Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 5Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1121ELHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Chopper Stabilized Precision Hall Effect Switches
A1120, A1121, A1122
and A1125
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Forward Supply Voltage
VCC
26.5
V
Reverse Supply Voltage
VRCC
–30
V
Output Off Voltage
VOUT
26
V
Continuous Output Current
IOUT
25
mA
Reverse Output Current
IROUT
–50
mA
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Pin-out Diagrams
Terminal List
Name
Description
Number
Package LH Package UA
VCC
Connects power supply to chip
1
1
VOUT
Output from circuit
2
3
GND
Ground
3
2
1
3
2
Package UA
Package LH
1
2
3


Similar Part No. - A1121ELHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1121ELHLT-T2 ALLEGRO-A1121ELHLT-T2 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1121ELHLT-T2 ALLEGRO-A1121ELHLT-T2 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results

Similar Description - A1121ELHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com