Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1121LUA-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1121LUA-T
Description  Chopper Stabilized Precision Hall Effect Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1121LUA-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1121LUA-T Datasheet HTML 1Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 2Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 3Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 4Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1121LUA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Chopper Stabilized Precision Hall Effect Switches
A1120, A1121, A1122
and A1125
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each
side connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
TJ(max) = 165ºC; ICC = ICC(max)
Power Derating Curve
(R JA = 228 ºC/W)
Package LH, 1-layer PCB
(R JA = 110 ºC/W)
Package LH, 2-layer PCB
(R JA = 165 ºC/W)
Package UA, 1-layer PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
JA
= 165
ºC/W)
Package
UA,
1-layer
PCB
(R
JA
= 228
ºC/W)
Package
LH,
1-layer
PCB
(R
JA = 110
ºC/W)
Package
LH,
2-layer
PCB


Similar Part No. - A1121LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1121LUA-T ALLEGRO-A1121LUA-T Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1121LUA-T ALLEGRO-A1121LUA-T Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results

Similar Description - A1121LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com