Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8115F-M Datasheet(PDF) 3 Page - Rohm

Part # BD8115F-M
Description  LED Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8115F-M Datasheet(HTML) 3 Page - Rohm

  BD8115F-M Datasheet HTML 1Page - Rohm BD8115F-M Datasheet HTML 2Page - Rohm BD8115F-M Datasheet HTML 3Page - Rohm BD8115F-M Datasheet HTML 4Page - Rohm BD8115F-M Datasheet HTML 5Page - Rohm BD8115F-M Datasheet HTML 6Page - Rohm BD8115F-M Datasheet HTML 7Page - Rohm BD8115F-M Datasheet HTML 8Page - Rohm BD8115F-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Note
3/12
BD8115F-M
www.rohm.com
2009.12 - Rev.0.34
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristic Diagrams (Unless otherwise specified Ta=25℃)
4.0
4.5
5.0
5.5
6.0
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
4.5V
5V
5.5V
0
1
2
3
4
5
6
7
8
9
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
4.5V
5.5V
5V
4.0
4.5
5.0
5.5
6.0
4.5
4.7
4.9
5.1
5.3
5.5
SUPPLY VOLTAGE: Vcc[V]
-40℃
105℃
25℃
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
5.5V
4.5V
5V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
4.5
4.7
4.9
5.1
5.3
5.5
SUPPLY VOLTAGE : Vcc[V]
-40℃
25℃
105℃
210
230
250
270
290
310
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]
5.5V
5.0V
4.5V
0
50
100
150
200
250
300
350
400
450
01
23
45
SUPPLY VOLTAGE:Vcc[V]
105℃
25℃
-40℃
0
1
2
3
4
5
6
7
8
9
4.54.7
4.95.1
5.35.5
SUPPLY VOLTAGE:Vcc[V]
105℃
25℃
-40℃
Fig.6 SEROUT high side voltage
VCC characteristic @ ISO=-5mA)
Fig.1 Circuit current
VCC characteristic)
Fig.4 Output on resistance
Temperature characteristic @ IDD=20mA)
Fig.5 Output on resistance
IDD characteristic)
Fig.7 SEROUT high side voltage
Temperature characteristic @ ISO=-5mA)
Fig.2 Circuit current
Temperature characteristic)
Fig.8 SEROUT low side voltage
VCC characteristic @ ISO=5mA)
Fig.9 SEROUT low side voltage
Temperature characteristic @ ISO=4mA)
Fig.3 Output on resistance
VCC characteristic @ IDD=20mA)
0
50
100
150
200
250
300
10
20
30
40
50
INPUT CURRENT: ID[mA]
5.5V
4.5V
5V


Similar Part No. - BD8115F-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
547Kb / 19P
   Automotive White LED Driver IC
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV Datasheet
212Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8113EFV ROHM-BD8113EFV Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD8115F-M

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com