Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPQ-1003A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PPQ-1003A
Description  100W Quad Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PPQ-1003A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PPQ-1003A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PPQ-1003A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PPQ-1003A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FileName:PPQ-1003-SPEC2011-03-31
110.6W
100mVp-p
150mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
120mVp-p
3.14~3.63V
4.75~5.5V
------
------
------
------
4.75~5.5V
3.0%
6.0%
6.0%
3.0%
3.0%
6.0%
6.0%
1.0%
1.0%
2.0%
1.0%
1.0%
1.0%
2.0%
3.3V
CH1
5V
CH2
12V
CH3
-5V
CH4
10A
10A
2A
0.3A
CH1
CH2
CH3
CH4
3.3V
5V
12V
-12V
10A
10A
2A
0.3A
2~15A
0.2~3A
0~1A
0~15A
2~15A
0.2~3A
0~1A
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
OVERLOAD
ACCURRENT (Typ.)
108.5W
100mVp-p
3.0%
1.0%
2.0%
47~63Hz
72%
OVERVOLTAGE
ENVIRONMENT
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
POWERFACTOR (Typ.)
OUTPUTNUMBER
0~15A
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
800ms,50msatfullload
18msatfullload
90~264VAC127~370VDC
1.65A/115VAC0.85A/230VAC
COLDSTART 40A
<1mA /240VAC
105%~135% ratedoutputpower
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
150.6Khrsmin.MIL-HDBK-217F(25
)
177.8*107.95*38mm(L*W*H)
0.62Kg;24pcs/15.5Kg/1.34CUFT
CH1:3.6~4.3VCH2:5.75~6.75V
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,
SAFETY &
EMC
(Note4)
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
PF>0.95/230VACPF>0.98/115VACatfullload
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
SPECIFICATION
PPQ-1003A
PPQ-1003B
MODEL
3.14~3.63V
1.0%
2.0%
6.0%
2.0%
2.0%
6.0%
1.0%
Features :
P P Q - 1 0 0 3 series
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz(Optional)
2 years warranty
100WQuadOutputwithPFCFunction


Similar Part No. - PPQ-1003A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PPQ-1003A MEANWELL-PPQ-1003A Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
logo
Tumbler Technologies + ...
PPQ-1003A TRUMPOWER-PPQ-1003A Datasheet
50Kb / 1P
   Switching Power Supplies
logo
Mean Well Enterprises C...
PPQ-1003A MEANWELL-PPQ-1003A Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
PPQ-1003A ASTRODYNE-PPQ-1003A Datasheet
355Kb / 4P
   100W Quad Output with PFC Function
More results

Similar Description - PPQ-1003A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100 MEANWELL-QP-100 Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100 RSG-QP-100 Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100_11 Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
QP-100 MEANWELL-QP-100_10 Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-100 ASTRODYNE-QP-100 Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003D CUI-VPPQ-1003D Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
PPQ1003 ASTRODYNE-PPQ1003 Datasheet
355Kb / 4P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100 Datasheet
362Kb / 2P
   100W Quad Output with PFC Function
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com