Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPT-125B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PPT-125B
Description  125W Triple Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PPT-125B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PPT-125B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PPT-125B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:PPT-125-SPEC2010-10-18
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
85
100
115
135
155
264
100
90
80
70
60
50
40
-20
0
10
20
30
40
50
60
70
20
50
40
70
100
125
FreeairConvection
Forcedair18CFM
(HORIZONTAL)
BlockDiagram
fosc:100KHz
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
V3
I/P
FG
CONTROL
O.V.P.
&
PFC
CIRCUT
V2
&
FILTER
RECTIFIERS
COM
+5V
DETECTION
RECTIFIERS
FILTER
&
RECTIFIERS
FILTER
&
REGULATOR
ACInputConnector(CN1):JST B3P-VHorequivalent
DCOutputConnector(CN4):JST B5P-VH*2orequivalent
PinNo.
PinNo.
1
1
3
2,3
4~8
9,10
2
Assignment
Assignment
AC/L
CH3
AC/N
CH2
GND
CH1
NoPin
MatingHousing
MatingHousing
JST VHR
JST VHR
orequivalent
orequivalent
Terminal
Terminal
JST SVH-21T-P1.1
JST SVH-21T-P1.1
orequivalent
orequivalent
CN4
1
CN1
3
SVR1
LED1
115.6
5
127
2
Airflow
direction
1
8
10
7
9
6
4
3
2
5
HS2
HS1
HS3
HS1,HS2&HS3cannotbeshorted
125W TripleOutputwithPFCFunction
P P T- 1 2 5 series


Similar Part No. - PPT-125B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PPT-125B ASTRODYNE-PPT-125B Datasheet
635Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPT-125B MEANWELL-PPT-125B Datasheet
281Kb / 2P
   125W Triple Output with PFC Function
logo
RSG Electronic Componen...
PPT-125B RSG-PPT-125B Datasheet
170Kb / 2P
   125W Triple Output with PFC Function
logo
Mean Well Enterprises C...
PPT-125B MEANWELL-PPT-125B Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
More results

Similar Description - PPT-125B

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PPT-125 RSG-PPT-125 Datasheet
170Kb / 2P
   125W Triple Output with PFC Function
logo
Mean Well Enterprises C...
PPT-125 MEANWELL-PPT-125_11 Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
PPT-125 MEANWELL-PPT-125 Datasheet
281Kb / 2P
   125W Triple Output with PFC Function
logo
Astrodyne Corporation
PPS-125 ASTRODYNE-PPS-125 Datasheet
635Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125 Datasheet
277Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPT125 ASTRODYNE-PPT125 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125_11 Datasheet
291Kb / 2P
   125W Single Output with PFC Function
logo
Total Power Internation...
PPS-125 TOTAL-POWER-PPS-125 Datasheet
392Kb / 2P
   125W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-125 RSG-PPS-125 Datasheet
170Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPS125 ASTRODYNE-PPS125 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com