Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-65-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PS-65-48
Description  65W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PS-65-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PS-65-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PS-65-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PS-65-3.3
PS-65-5
PS-65-7.5
PS-65-12
PS-65-13.5
PS-65-15
PS-65-24
PS-65-27
PS-65-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
12A
12A
8A
5.2A
4.7A
4.2A
2.7A
2.4A
1.35A
0~15.2A
0~13.8A
0~9.6A
0~6A
0~5.4A
0~4.8A
0~3A
0~2.7A
0~1.5A
39.6W
60W
60W
62.4W
63.5W
63W
64.8W
64.8W
64.8W
80mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.25~16.5V 22.8~26.4V 25.65~29.7V 45.6~52.8V
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
800ms,20msatfullload
60msatfullload
90~264VAC127~370VDC
47~440Hz
69%
76%
79%
79%
79%
79%
80%
80%
80%
1.2A/115VAC0.72A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<0.75mA /240VAC
73~105W(3.3V:51~75W)(5V:70~105W) ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.04%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
300.7Khrsmin.MIL-HDBK-217F(25
)
127*76*42mm(L*W*H)
0.21Kg;54pcs/14.2Kg/1.35CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
6. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:PS-65-SPEC 2011-03-31
OVERVOLTAGE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,lightindustrylevel,criteria A
65WSingleOutputSwitchingPowerSupply
P S - 6 5 series
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
Universal AC input/Full range
Low leakage current<0.5mA
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 65KHz
2 years warranty
Ratedoutputpowerforconvection;72W(+3.3V:50W;+5V:69W)with18CFMmin.Forcedair
OUTPUTPOWER(max.)
3.8~4.46V
5.75~6.75V 8.63~10.1V 13.8~16.2V 15.5~18.2V 17.25~20.25V 27.6~32.4V 31~36.45V
55.2~64.8V


Similar Part No. - PS-65-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-65-48 ETC2-PS-65-48 Datasheet
103Kb / 2P
   SWITCHING POWER SUPPLY
logo
Astrodyne Corporation
PS-65-48 ASTRODYNE-PS-65-48 Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-65-48 MEANWELL-PS-65-48 Datasheet
426Kb / 2P
   65W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65-48 RSG-PS-65-48 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
More results

Similar Description - PS-65-48

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-65 MEANWELL-EPS-65_11 Datasheet
560Kb / 3P
   65W Single Output Switching Power Supply
PS-65 MEANWELL-PS-65 Datasheet
426Kb / 2P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-65 ASTRODYNE-PS-65 Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-65 MEANWELL-EPS-65_12 Datasheet
1Mb / 3P
   65W Single Output Switching Power Supply
EPS-65S MEANWELL-EPS-65S Datasheet
96Kb / 4P
   65W Single Output Switching Power Supply
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com