Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAD1-12038DHLW32 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAD1-12038DHLW32
Description  120x120x38mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAD1-12038DHLW32 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAD1-12038DHLW32 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
120x120x38mm
FAD1-12038 Series
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAD1-12038C AW 2
FAD1-12038C LW 2
FAD1-12038C MW 2
FAD1-12038C HW 2
FAD1-12038C JW 2
FAD1-12038D AW 2
FAD1-12038D LW 2
FAD1-12038D MW 2
FAD1-12038D HW 2
FAD1-12038D JW 2
FAD1-12038E LW 2
FAD1-12038E MW 2
FAD1-12038E HW 2
FAD1-12038E JW 2
0.12
0.22
0.34
0.39
0.62
0.07
0.10
0.20
0.26
0.38
0.09
0.13
0.18
0.22
1.44
2.64
4.08
4.68
7.44
1.68
2.40
4.80
6.24
9.12
4.32
6.24
8.64
10.56
1500
1950
2540
2800
3200
1500
1950
2540
2800
3200
1950
2540
2800
3200
Maximum
AirFlow
1.621
2.027
2.725
2.984
3.399
1.621
2.027
2.725
2.984
3.399
2.027
2.725
2.984
3.399
57.292
71.635
96.300
105.461
120.109
57.292
71.635
96.300
105.461
120.109
71.635
96.300
105.461
120.109
12
12
12
12
12
24
24
24
24
24
48
48
48
48
(CMM)
(CFM)
Maximum Static
Pressure
0.085
0.128
0.228
0.265
0.335
0.085
0.128
0.228
0.265
0.335
0.128
0.228
0.265
0.335
2.159
3.251
5.791
6.731
8.509
2.159
3.251
5.791
6.731
8.509
3.251
5.791
6.731
8.509
(InAq)
(mmAq)
Noise
Level
(dB/A)
28.4
36.2
45.0
46.7
48.0
28.4
36.2
45.0
46.7
48.0
36.2
45.0
46.7
48.0
Weight
(g)
235/297
235/297
235/297
235/297
235/297
235/297
235/297
235/297
235/297
235/297
235/297
235/297
235/297
235/297
ISO-9001 Company
www.qualtekusa.com
DC AXIAL FAN
* Indicates “B” (Ball Bearing), “S” (Sleeve), or “H” (Hydro Dynamic)
*
Qualtek
Electronics Corporation
*
*
*
Noise is measured at the distance of one (1) meter from the axis of intake.
*
*
*
*
*
*
*
*
Motor: Brushless DC
Motor Protection: IC
Bearing Type: Two Ball, Sleeve, or Hydro Dynamic
Connection: UL 1007 AWG 24, 280mm Wire Leads
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
Features:
Frame Material: Plastic UL94V-0, or Aluminum
Life Expectancy:
Two Ball: 70,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
*
*
**
**
**
**
**
**
**
**
**
**
**
**
**
**
** Indicates “1” (Plastic Frame and Plastic Impeller) or “3” (Aluminum Frame and Plastic Impeller)
A
J
Fan-S Division


Similar Part No. - FAD1-12038DHLW32

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-12025 QUALTEK-FAD1-12025 Datasheet
1Mb / 1P
   120x120x25mm DC AXIAL FAN
FAD1-12025CBAW12 QUALTEK-FAD1-12025CBAW12 Datasheet
1Mb / 1P
   120x120x25mm DC AXIAL FAN
FAD1-12025CBHW12 QUALTEK-FAD1-12025CBHW12 Datasheet
1Mb / 1P
   120x120x25mm DC AXIAL FAN
FAD1-12025CBJW12 QUALTEK-FAD1-12025CBJW12 Datasheet
1Mb / 1P
   120x120x25mm DC AXIAL FAN
FAD1-12025CBLW12 QUALTEK-FAD1-12025CBLW12 Datasheet
1Mb / 1P
   120x120x25mm DC AXIAL FAN
More results

Similar Description - FAD1-12038DHLW32

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-12038 QUALTEK-FAA1-12038 Datasheet
1Mb / 1P
   120x120x38mm AC AXIAL FAN
logo
Dubilier
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
DBF12038B115MT DUBILIER-DBF12038B115MT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com