Selected language     English  â–¼


Q-60D Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. Q-60D
Description  60W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 1 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
800ms,20ms/230VAC1600ms,20ms/115VACatfullload
70ms/230VAC15ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
70%
2A/115VAC0.8A/230VAC
COLDSTART 15A/115VAC30A/230VAC
<1mA /240VAC
105~150%/115VAC ratedoutputpower
5V:5.75~6.75VDC
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204,lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
284.8Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
0.56Kg;24pcs/14.4Kg/0.75CUFT
FileName:Q-60-SPEC2010-10-18
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CH1
OUTPUTNUMBER
60WQuadOutputSwitchingPowerSupply
Q - 6 0 series
Q-60C
Q-60D
5V
CH1
15V
CH2
-5V
CH3
12V
CH2
-15V
CH4
24V
CH3
5V
CH1
-12V
CH4
5.5A
1.5A
0.5A
1A
0.5A
1A
4A
0.5A
0.5~8A
0.1~3A
0~1A
0.1~3A
0~1A
0.1~1.5A
0.5~8A
0~1A
60W
62W
100mVp-p 120mVp-p 100mVp-p
120mVp-p
120mVp-p
150mVp-p
100mVp-p
120mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
+8,-4%
+8,-4%
5.0%
6.0%
5.0%
2.0%
5.0%
0.5%
2.0%
0.5%
1.0%
0.5%
2.0%
0.5%
0.5%
0.5%
4.0%
1.0%
4.0%
1.0%
4.0%
0.5%
1.0%
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 35KHz
2 years warranty
Features :
72%
75%
Q-60B
5V
12V
CH2
-5V
CH3
-12V
CH4
5.5A
2A
0.5A
0.5A
0.5~8A
0.1~3A
0~1A
0~1A
60W
100mVp-p 120mVp-p 100mVp-p 120mVp-p
CH1:4.75~5.5V
2.0%
6.0%
5.0%
5.0%
0.5%
1.0%
0.5%
0.5%
0.5%
4.0%
1.0%
1.0%




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl