Selected language     English  ā–¼


Q-60B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. Q-60B
Description  60W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:Q-60-SPEC 2010-10-18
CaseNo.901Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
260
300
5.2
13
250
5.0
12
200
4.8
11
150
4.6
10
100
4.4
9
50
4.2
8
25
4.0
7
Ta=25
-10
-10
0
0
10
20
30
40
50
45
60
55
(VERTICAL)
(HORIZONTAL)
20
40
60
80
100
-12V
+5V
-5V
+12V
+12V
+5V
-5V
-12V
BlockDiagram
fosc:35KHz
4.5
152.5
4.5
150
6.5
3.5
78
24
159
22
117
2-M
3
3-M
3
TerminalPinNo. Assignment
PinNo.
PinNo.
1
5
2
6
3
7
8
4
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT V3
DCOUTPUT COM
DCOUTPUT +V1
DCOUTPUT +V2
DCOUTPUT -V4
8
7
6
5
4
3
2
1
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
POWER
SWITCHING
REGULATOR
REGULATOR
+V1
+V2
V3
-V4
COM
I/P
FG
CONTROL
PWM
O.V.P.
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
&
&
&
&
&
FILTER
FILTER
FILTER
FILTER
FILTER
60WQuadOutputSwitchingPowerSupply
Q - 6 0 series




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl