Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M385 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M385
Description  MICROPOWER VOLTAGE REFERENCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M385 Datasheet(HTML) 1 Page - Unisonic Technologies

  M385_11 Datasheet HTML 1Page - Unisonic Technologies M385_11 Datasheet HTML 2Page - Unisonic Technologies M385_11 Datasheet HTML 3Page - Unisonic Technologies M385_11 Datasheet HTML 4Page - Unisonic Technologies M385_11 Datasheet HTML 5Page - Unisonic Technologies M385_11 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M385
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R101-028.c
MICROPOWER VOLTAGE
REFERENCE
DESCRIPTION
The UTC M385 is a micropower voltage reference. This device
features good temperature stability and extreme low dynamic
impedance when it is operated over a 10μA to 20mA current. Low
noise and good long-term stability are achieved because the UTC
M385
bandgap reference applies only bipolar transistors and
resistors.
The UTC M385 can be used in almost any reference application
due to the exceptional tolerance of capacitive loading. This voltage
reference can be applied in portable meters, regulators, or
general-purpose analog circuitry with battery life approaching shelf
life. The wide dynamic operating range contributes to its use with
widely varying supplies with excellent regulation. The low power
drain of the UTC M385 is useful for micropower circuitry. On-chip
trimming gives it the tight voltage tolerance. Furthermore, the wide
operating current can replace older references with a tighter
tolerance.
The UTC M385 can be used in such applications, for example,
portable and battery-powered equipment, instrumentation, process
control, energy management, product testing, automotive, precision
audio components, and so on.
FEATURES
* Initial tolerance: 1%
* Operating current range:10μA~20mA
* Low temperature coefficient
* Low voltage reference
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M385L-xx-S08-R
M385G-xx-S08-R
SOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - M385_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38501D1 MITSUBISHI-M38501D1 Datasheet
807Kb / 52P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38501D1 MITSUBISHI-M38501D1 Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M38501E1-XXXFP RENESAS-M38501E1-XXXFP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38501E1-XXXSP RENESAS-M38501E1-XXXSP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38501E1-XXXSS RENESAS-M38501E1-XXXSS Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M385_11

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com