Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1110F32RSP Datasheet(PDF) 1 Page - Texas Instruments

Part # CC1110F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110F32RSP Datasheet(HTML) 1 Page - Texas Instruments

  CC1110F32RSP Datasheet HTML 1Page - Texas Instruments CC1110F32RSP Datasheet HTML 2Page - Texas Instruments CC1110F32RSP Datasheet HTML 3Page - Texas Instruments CC1110F32RSP Datasheet HTML 4Page - Texas Instruments CC1110F32RSP Datasheet HTML 5Page - Texas Instruments CC1110F32RSP Datasheet HTML 6Page - Texas Instruments CC1110F32RSP Datasheet HTML 7Page - Texas Instruments CC1110F32RSP Datasheet HTML 8Page - Texas Instruments CC1110F32RSP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 1 of 244
Low-Power SoC (System-on-Chip) with MCU, Memory,
Sub-1 GHz RF Transceiver, and USB Controller
Applications
 Low-power SoC wireless applications
operating in the 315/433/868/915 MHz
ISM/SRD bands
 Wireless alarm and security systems
 Industrial monitoring and control
 Wireless sensor networks
 AMR - Automatic Meter Reading
 Home and building automation
 Low power telemetry
CC1111Fx: USB dongles
Product Description
The
CC1110Fx/CC1111Fx is a true low-power sub-
1 GHz system-on-chip (SoC) designed for low-
power
wireless
applications.
The
CC1110Fx/CC1111Fx combines the excellent
performance
of
the
state-of-the-art
RF
transceiver
CC1101 with an industry-standard
enhanced 8051 MCU, up to 32 kB of in-system
programmable flash memory and up to 4 kB of
RAM, and many other powerful features. The
small 6x6 mm package makes it very suited
for applications with size limitations.
The
CC1110Fx/CC1111Fx is highly suited for
systems where very low power consumption is
required. This is ensured by several advanced
low-power operating modes. The
CC1111Fx adds
a full-speed USB 2.0 interface to the feature
set of the
CC1110Fx. Interfacing to a PC using
the USB interface is quick and easy, and the
high data rate (12 Mbps) of the USB interface
avoids the bottlenecks of RS-232 or low-speed
USB interfaces.
RESET_N
P2_4
P2_3
P2_2
P2_1
P2_0
P1_4
P1_3
P1_2
P1_1
P1_0
P1_7
P1_6
P1_5
P0_4
P0_3
P0_2
P0_1
P0_0
DP
DM
P0_5
RF_P
RF_N
XOSC_Q2
XOSC_Q1
VDD (2.0 - 3.6 V)
DCOUPL
DIGITAL
ANALOG
MIXED
P0_7
P0_6
Key Features
 Radio
o
High-performance RF transceiver based on
the market-leading
CC1101
o
Excellent receiver selectivity and blocking
performance
o
High sensitivity (
−110
o
dBm at 1.2 kBaud)
o
Programmable data rate up to 500 kBaud
o
Programmable output power up to 10 dBm
for all supported frequencies
o
Frequency range: 300 - 348 MHz, 391 - 464
MHz and 782 - 928 MHz
o
Digital RSSI / LQI support
 Low Power
o
Low current consumption (RX: 16.2 mA @
1.2 kBaud, TX: 15.2 mA @
−6 dBm output
power)
o
0.3
μA in PM3 (the operating mode with the
lowest power consumption)
o
0.5 µA in PM2 (operating mode with the
second lowest power consumption, timer or
external interrupt wakeup)
 MCU, Memory, and Peripherals
o
High performance and low power 8051
microcontroller core.
o
Powerful DMA functionality
o
8/16/32 KB in-system programmable flash,
and 1/2/4 KB RAM
o
Full-Speed USB Controller with 1 KB FIFO
(
CC1111Fx )
o
128-bit AES security coprocessor
o
7 - 12 bit ADC with up to eight inputs
o
I
2S interface
o
Two USARTs
o
16-bit timer with DSM mode
o
Three 8-bit timers
o
Hardware debug support
o
21 (
CC1110Fx ) or 19 (CC1111Fx ) GPIO pins
o
SW compatible with
CC2510Fx/CC2511Fx
 General
o
Wide supply voltage range (2.0V - 3.6V)
o
RoHS compliant 6x6 mm QFN 36 package


Similar Part No. - CC1110F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110F32RSP TI-CC1110F32RSP Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RSP TI-CC1110F32RSP Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110F32RSP TAOS-CC1110F32RSP Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110F32RSP TI-CC1110F32RSP Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RSP TI1-CC1110F32RSP Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1110F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com