Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1110F32RSP Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1110F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110F32RSP Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1110F32RSP Datasheet HTML 7Page - Texas Instruments CC1110F32RSP Datasheet HTML 8Page - Texas Instruments CC1110F32RSP Datasheet HTML 9Page - Texas Instruments CC1110F32RSP Datasheet HTML 10Page - Texas Instruments CC1110F32RSP Datasheet HTML 11Page - Texas Instruments CC1110F32RSP Datasheet HTML 12Page - Texas Instruments CC1110F32RSP Datasheet HTML 13Page - Texas Instruments CC1110F32RSP Datasheet HTML 14Page - Texas Instruments CC1110F32RSP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 11 of 244
Parameter
Min
Typ
Max
Unit
Condition
System clock running at 26 MHz or 24 MHz.
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in TX mode
33.5
mA
10 dBm output power (PA_TABLE0=0xC0)
20
mA
0 dBm output power (PA_TABLE0=0x60)
Active mode with
radio in TX,
433 MHz
19
mA
−6 dBm output power (PA_TABLE0=0x2A)
System clock running at 26 MHz or 24 MHz.
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in TX mode
36.2
mA
10 dBm output power (PA_TABLE0=0xC2). See Table 7 for typical
variation over operating conditions
21
mA
0 dBm output power (PA_TABLE0=0x50)
Active mode with
radio in TX,
868, 915 MHz
20
mA
−6 dBm output power (PA_TABLE0=0x2B)
Power mode 0
4.3
mA
Same as active mode, but the CPU is not running (see 12.1.2.2 for
details). System clock at 26 MHz or 24 MHz
Power mode 1
220
A
Digital regulator on. HS RCOSC and high speed crystal oscillator off.
32.768 kHz XOSC or low power RCOSC running (see 12.1.2.3 for
details)
Power mode 2
0.5
µA
Digital regulator off. HS RCOSC and high speed crystal oscillator off.
Low power RCOSC running (see 12.1.2.4 for details)
Power mode 3
0.3
1.0
µA
Digital regulator off. No crystal oscillators or RC oscillators are
running (see 12.1.2.5 for details)
Peripheral
Current
Consumption
Add to the figures above if the peripheral unit is activated
Timer 1
2.7
A/MHz
When running
Timer 2
1.3
A/MHz
When running
Timer 3
1.6
A/MHz
When running
Timer 4
2
A/MHz
When running
ADC
1.2
mA
During conversion
Table 6: Current Consumption


Similar Part No. - CC1110F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110F32RSP TI-CC1110F32RSP Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RSP TI-CC1110F32RSP Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110F32RSP TAOS-CC1110F32RSP Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110F32RSP TI-CC1110F32RSP Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RSP TI1-CC1110F32RSP Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1110F32RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
logo
TEXAS ADVANCED OPTOELEC...
CC1110FX TAOS-CC1110FX Datasheet
2Mb / 240P
   Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
logo
Texas Instruments
CC1110FX TI-CC1110FX_09 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com