Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-200-3C Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # QP-200-3C
Description  200W Quad Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-200-3C Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  QP-200-3C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-200-3C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-200-3C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. QP-200-3C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
CaseNo.912BUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
20
40
60
70
80
100
-10
-10
0
0
10
20
30
40
50
60
(HORIZONTAL)
90
100
115
135
155
264
230
100
90
80
70
60
50
40
QP-200-3A
FileName:QP-200-SPEC2010-10-18
200WQuadOutputwithPFCFunction
Q P - 2 0 0 series
BlockDiagram
PFCfosc:67KHz
PWMfosc:134KHz
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
V3
I/P
FG
CONTROL
O.V.P.
&
PFC
COSTANT CURRENT
DETECTIONCIRCUT
&
RECTIFIERS
FILTER
&
REGULATOR
V4
CONTROL
MA
&
RECTIFIERS
FILTER
&
V2
&
FILTER
RECTIFIERS
COM
+5V
FAN
PinNo.
PinNo.
1
5
3
4
2
6
7,8
9
Assignment
Assignment
AC/L
FG
AC/N
DCOUTPUT V4
DCOUTPUT V1
DCOUTPUT V3
DCOUTPUT COM
DCOUTPUT V2
DCOutputConnector(CN2):JST S6B-XH-A-1orequivalent
PinNo.
PinNo.
1
4
2
5
3
6
Assignment
Assignment
V1(+S)
V2(-S)
V1(-S)
PF/PG
V2(+S)
GND
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
32.5
13max.
150
6-M4L=6mm
117.5
Airflow
direction
215
CN2
5
4-M4L=5mm
15
5-M3L=3mm
1
3
2
4
6
8
7
ADJ.
9
V2
V1
LED
177.5
47.5
27.5
32.5
150
6
1
TerminalPinNo. Assignment


Similar Part No. - QP-200-3C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-200-3C ASTRODYNE-QP-200-3C Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results

Similar Description - QP-200-3C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
logo
Total Power Internation...
QP-200 TOTAL-POWER-QP-200 Datasheet
753Kb / 4P
   200W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-200 RSG-QP-200 Datasheet
204Kb / 4P
   200W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-200 MEANWELL-QP-200 Datasheet
741Kb / 4P
   200W Quad Output with PFC Function
logo
Astrodyne Corporation
QP200 ASTRODYNE-QP200 Datasheet
337Kb / 4P
   200W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-200 MEANWELL-QP-200_11 Datasheet
759Kb / 4P
   200W Quad Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com