Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-375-5B Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # QP-375-5B
Description  375W Quad Output with PFC Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-375-5B Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  QP-375-5B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-375-5B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-375-5B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. QP-375-5B Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. QP-375-5B Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. QP-375-5B Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. QP-375-5B Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
85
95
105
115
125
135
180
264
230
20
40
60
80
100
-10
0
10
20
30
40
50
60
7
+V4 ADJ.
+V3 ADJ.
10
8
9
+V2 ADJ.
63.5
2
4
6
5
3
LED
O/P
TB2
1
CN62
6
1
I/P
TB1
3
2
1
8-M4 L=6
6-M3L=6
2-M4 L=6
42.5
165.1
280
250
5
240
31.7
165.1
42.4
165.1
92
Airflow
direction
ACInput Terminal
PinNo. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
DCOutput TerminalPinNo. Assignment
PinNo.
PinNo.
1,2
8
3,4,5
9
6
10
7
Assignment
Assignment
+V1
-V3
COM(V1andV2)
+V4
+V2
-V4
+V3
CN62PinNo. Assignment:JST S6B-XH orequivalent
MatingHousing
PinNo.
1
2
3
4
5
6
Terminal
Assignment
PF(Powergood/Failsignal)
GND
RS-
RS+
RC-
RC+
I/P
EMI
ACTIVE
RECTIFIERS
POWER
POWERSWITCHING
FAN
RECTIFIERS
RECTIFIERS
RECTIFIERS
REGULATOR
+V4
-V4
+V3
-V3
+S
+V1
COM
-S
+V2
PF
+RC
-RC
RECTIFIERS
MA &
MA &
CONTROL
CONTROL
PF
O.V.P.
DETECTION
CIRCUIT
&
&
&
&
FILTER
FILTER
FILTER
FILTER
PWMCONTROL
P.F.C.
O.L.P.
PWM
CONTROL
O.T.P.
ING
&
SWITCH-
INRUSH
CURRENT
LIMITING
FILTER
FG
(HORIZONTAL)
90
100
80
70
60
50
40
FileName:QP-375-SPEC2010-10-18
375WQuadOutputwithPFCFunction
Q P - 3 7 5 series
BlockDiagram
fosc:100KHz
CaseNo.927A
Unit:mm
JST XHP
orequivalent
JST SXH-001T-P0.6
orequivalent


Similar Part No. - QP-375-5B

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-375-5B TOTAL-POWER-QP-375-5B Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Astrodyne Corporation
QP-375-5B ASTRODYNE-QP-375-5B Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375-5B MEANWELL-QP-375-5B Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375-5B RSG-QP-375-5B Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375-5B MEANWELL-QP-375-5B Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
More results

Similar Description - QP-375-5B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP375 ASTRODYNE-QP375 Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_11 Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375_17 Datasheet
994Kb / 7P
   375W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-375 ASTRODYNE-QP-375 Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-375 RSG-QP-375 Datasheet
294Kb / 7P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com