Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-150C Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # QP-150C
Description  150W Quad Output with PFC Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-150C Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  QP-150C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-150C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-150C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. QP-150C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. QP-150C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE(OPTION)
ACCURRENT (Typ.)
90~264VAC127~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
76%
78%
78%
2.5A/115VAC1.2A/230VAC
COLDSTART
40A/230V
<3.5mA /240VAC
105~150% ratedoutputpower
CH1:5.75~6.75VCH2:3.8~4.4V
CH1:5.75~6.75VCH2:13.8~16.2V CH1:5.75~6.75VCH2:17.25~20.25V
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
141.5Khrsmin.MIL-HDBK-217F(25
)
199*99*50mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
EMICONDUCTION&RADIATION
QP-150-3D
QP-150D
QP-150F
5V
3.3V
24V
-12V
12V
24V
-12V
15V
24V
-15V
10A
10A
10A
10A
2.5A
0.6A
4A
2A
0.6A
0.6A
3~15A
3~15A
3~15A
0~15A
0.3~3A
0~1A
0~5A
0.4~3A
0~1A
0~5A
0.4~3A
0~1A
150.2W
150.2W
152W
100mVp-p 100mVp-p 150mVp-p 150mVp-p
150mVp-p 200mVp-p 150mVp-p
150mVp-p 200mVp-p 150mVp-p
120mVp-p
120mVp-p
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
6.0%
5.0%
6.0%
5.0%
5.0%
1.0%
1.0%
1.0%
2.0%
1.0%
1.0%
2.0%
1.0%
1.0%
1.0%
2.0%
1.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
6.0%
2.0%
6.0%
6.0%
6.0%
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
FileName:QP-150-SPEC2010-10-18
150WQuadOutputwithPFCFunction
Q P - 1 5 0 series
CH1:4.75~5.5VCH2:3.14~3.63V
CH1:4.75~5.5VCH2:11.4~13.2V
CH1:4.75~5.5VCH2:14.3~16.5V
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage
Forced air cooling by built-in DC fan
CH4: Polarity is selectable
Fixed switching frequency at 100KHz
3 years warranty
Features:
800ms,50ms/230VAC
115VACatfullload
800ms,50ms/
24ms/230VAC24
115VACatfullload
ms/
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
95
5
(TSW1)
0.93Kg;20pcs/19.6Kg/1.28CUFT
CH1
CH1
CH1
OUTPUTNUMBER
CH2
CH2
CH2
CH3
CH3
CH3
CH4
CH4
CH4
..
5V
5V
3A
2A


Similar Part No. - QP-150C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-150 ASTRODYNE-QP-150 Datasheet
349Kb / 3P
   150W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150 Datasheet
735Kb / 5P
   150W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-150 RSG-QP-150 Datasheet
271Kb / 5P
   150W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-150-3A ASTRODYNE-QP-150-3A Datasheet
349Kb / 3P
   150W Quad Output with PFC Function
More results

Similar Description - QP-150C

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
QP-150 RSG-QP-150 Datasheet
271Kb / 5P
   150W Quad Output with PFC Function
logo
Astrodyne Corporation
QP150 ASTRODYNE-QP150 Datasheet
449Kb / 6P
   150W Quad Output with PFC Function
QP-150 ASTRODYNE-QP-150 Datasheet
349Kb / 3P
   150W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150 Datasheet
735Kb / 5P
   150W Quad Output with PFC Function
QP-150 MEANWELL-QP-150_11 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com