Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-200 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # QP-200
Description  200W Quad Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-200 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  QP-200 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-200 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-200 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. QP-200 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.6
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
800ms,50msatfullload
90~264VAC127~370VDC
47~63Hz
72%
72%
74%
<2mA /240VAC
105~150% ratedoutputpower
CH1:5.75~6.75VCH2:3.8~4.4V
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
160.6Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
200WQuadOutputwithPFCFunction
Features:
Q P - 2 0 0 series
ENVIRONMENT
SAFETY &
EMC
(Note5)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
EMICONDUCTION&RADIATION
QP-200-3B
QP-200-3C
QP-200-3D
5V
5V
5V
3.3V
12V
-12V
3.3V
15V
-15V
3.3V
-12V
15A
15A
10A
15A
6A
0.7A
15A
5A
0.7A
0.7A
3~20A
3~20A
3~15A
0~20A
0.5~8A
0~1A
0~20A
0.5~6A
0~1A
0~20A
0.4~5A
0~1A
204.9W
210W
203.9W
100mVp-p
CH1:4.75~5.5VCH2:3.14~3.63V
CH1:4.75~5.5VCH2:3.14~3.63V
CH1:4.75~5.5VCH2:3.14~3.63V
100mVp-p 150mVp-p 150mVp-p
100mVp-p 150mVp-p 150mVp-p
100mVp-p 150mVp-p 150mVp-p
100mVp-p
100mVp-p
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
+8,-10%
6.0%
+10,-6%
6.0%
+10,-6%
6.0%
1.0%
1.0%
1.0%
2.0%
1.0%
1.0%
2.0%
1.0%
1.0%
1.0%
2.0%
1.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
6.0%
2.0%
6.0%
6.0%
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
FileName:QP-200-SPEC2010-10-18
INPUT
OVERTEMPERATURE
POWERGOOD/POWERFAIL(OPTIONAL) 10ms/1ms
FUNCTION
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
95
5
(TSW1)detectonheatsinkofQ1,Q2powertransistor
20A
20A
8A
1A
20A
7A
1A
20A
20A
PEAKCURRENT
Note.4
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC fan
CH1,2 can be adjustable from -5~+10%
With power good and fail signal output(Optional)
Built-in remote sense function for CH1,2
100% full load burn-in test
CH4 can set to positive after consult us before delivery(Optional)
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
1.2Kg;12pcs/15.4Kg/0.92CUFT
CH1
CH1
CH1
OUTPUTNUMBER
CH2
CH2
CH2
CH3
CH3
CH3
CH4
CH4
CH4
24msatfullload
PF>0.95/230VACPF>0.98/115VACatfullload
3.5A/115VAC2A/230VAC
COLDSTART 30A
..
24V
15A
4A
20A
6A
1A


Similar Part No. - QP-200

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-200 MEANWELL-QP-200 Datasheet
741Kb / 4P
   200W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-200 RSG-QP-200 Datasheet
204Kb / 4P
   200W Quad Output with PFC Function
logo
Total Power Internation...
QP-200 TOTAL-POWER-QP-200 Datasheet
753Kb / 4P
   200W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200-3A ASTRODYNE-QP-200-3A Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results

Similar Description - QP-200

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
logo
Total Power Internation...
QP-200 TOTAL-POWER-QP-200 Datasheet
753Kb / 4P
   200W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-200 RSG-QP-200 Datasheet
204Kb / 4P
   200W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-200 MEANWELL-QP-200 Datasheet
741Kb / 4P
   200W Quad Output with PFC Function
logo
Astrodyne Corporation
QP200 ASTRODYNE-QP200 Datasheet
337Kb / 4P
   200W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-200 MEANWELL-QP-200_11 Datasheet
759Kb / 4P
   200W Quad Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com